Electronic Components Datasheet Search
  English  ▼

X  

PS9307AL Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # PS9307AL
Description  0.6 A OUTPUT CURRENT, HIGH CMR, IGBT GATE DRIVE, 6-PIN SDIP PHOTOCOUPLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS9307AL Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button PS9307AL Datasheet HTML 12Page - Renesas Technology Corp PS9307AL Datasheet HTML 13Page - Renesas Technology Corp PS9307AL Datasheet HTML 14Page - Renesas Technology Corp PS9307AL Datasheet HTML 15Page - Renesas Technology Corp PS9307AL Datasheet HTML 16Page - Renesas Technology Corp PS9307AL Datasheet HTML 17Page - Renesas Technology Corp PS9307AL Datasheet HTML 18Page - Renesas Technology Corp PS9307AL Datasheet HTML 19Page - Renesas Technology Corp PS9307AL Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
PS9307AL, PS9307AL2
R08DS0122EJ0101 Rev.1.01
Page 18 of 19
Dec 16, 2021
Method a) Destructive Test, Type and Sample Test
Method b) Non-destructive Test, 100% Production Test
UIOTM = 8000 V
Upr = 1808 V
UIORM = 1130 V
t1
tini
t2
t3
tm
t4
V
t
t1, t2 = 1 to 10 sec
t3, t4 = 1 sec
tm(PARTIAL DISCHARGE) = 10 sec
ttest = 12 sec
tini = 60 sec
ttest
Upr = 2119 V
UIORM = 1130 V
t3
t4
ttest
t
tm
V
t3, t4 = 0.1 sec
tm(PARTIAL DISCHARGE) = 1.0 sec
ttest = 1.2 sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com