Electronic Components Datasheet Search
  English  ▼

X  

DSM Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # DSM
Description  AB = active balancingType DSM, Standard Supercapacitor Modules9V, 18V, and 30V configurations with cable assembly
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DSM Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  DSM Datasheet HTML 1Page - Cornell Dubilier Electronics DSM Datasheet HTML 2Page - Cornell Dubilier Electronics DSM Datasheet HTML 3Page - Cornell Dubilier Electronics DSM Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Type DSM, Standard Supercapacitor Modules
9V, 18V, and 30V configurations with cable assembly
CDE Cornell Dubilier • 1661 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
9V Standard Modules
18V Standard Modules
30V Standard Modules
1
A
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
B
C
D
E
F
A
B
C
D
E
F
Dept.
Technical reference
Created by
Approved by
Document type
Document status
Title
DWG No.
Rev.
Date of issue
Sheet
1
Preliminary
Drawing with specs
2022-02-09
2022-01-03
1/2
DSA-03S01P-XXX
9V STANDARD MODULE
GRW
BAB
SCM
Revisions
Rev #
Description
Date
By
1
Preliminary
2022-02-09 BAB
Notes
1. Assembly to be RoHS compliant
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE
SOLE PROPERTY OF CORNELL DUBILIER AND ITS
SUBSIDIARIES. ANY REPRODUCTION IN PART OR AS A
WHOLE WITHOUT THE WRITTEN PERMISSION OF CORNELL
DUBILIER AND ITS SUBSIDIARIES IS PROHIBITED.
PET Sleeve
Molex Mini-Lock
51163-0200
L
WL
1
A
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
B
C
D
E
F
A
B
C
D
E
F
Dept.
Technical reference
Created by
Approved by
Document type
Document status
Title
DWG No.
Rev.
Date of issue
Sheet
1
Preliminary
Drawing with specs
2022-02-09
2022-01-03
1/2
DSA-06S01P-XXX
18V STANDARD MODULE
GRW
BAB
SCM
Revisions
Rev #
Description
Date
By
1
Preliminary
2022-02-09 BAB
Notes
1. Assembly to be RoHS compliant
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE
SOLE PROPERTY OF CORNELL DUBILIER AND ITS
SUBSIDIARIES. ANY REPRODUCTION IN PART OR AS A
WHOLE WITHOUT THE WRITTEN PERMISSION OF CORNELL
DUBILIER AND ITS SUBSIDIARIES IS PROHIBITED.
PET Sleeve
Molex Mini-Lock
51163-0200
L
WL
1
A
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
B
C
D
E
F
A
B
C
D
E
F
Dept.
Technical reference
Created by
Approved by
Document type
Document status
Title
DWG No.
Rev.
Date of issue
Sheet
1
Preliminary
Drawing with specs
2022-02-09
2022-01-03
1/2
DSA-10S01P-XXX
30V STANDARD MODULE
GRW
BAB
SCM
Revisions
Rev #
Description
Date
By
1
Preliminary
2022-02-09 BAB
Notes
1. Assembly to be RoHS compliant
PROPRIETARY AND CONFIDENTIAL
THE INFORMATION CONTAINED IN THIS DRAWING IS THE
SOLE PROPERTY OF CORNELL DUBILIER AND ITS
SUBSIDIARIES. ANY REPRODUCTION IN PART OR AS A
WHOLE WITHOUT THE WRITTEN PERMISSION OF CORNELL
DUBILIER AND ITS SUBSIDIARIES IS PROHIBITED.
Molex Mini-Lock
51163-0200
PET Sleeve
L
WL



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com