Electronic Components Datasheet Search
  English  ▼

X  

DSM Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # DSM
Description  AB = active balancingType DSM, Standard Supercapacitor Modules9V, 18V, and 30V configurations with cable assembly
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DSM Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  DSM Datasheet HTML 1Page - Cornell Dubilier Electronics DSM Datasheet HTML 2Page - Cornell Dubilier Electronics DSM Datasheet HTML 3Page - Cornell Dubilier Electronics DSM Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Type DSM Standard Supercapacitor Modules provide a wide
range of capacitance values and voltages to enable simple,
rapid implementation into any system. Each module features
an insulated construction with integrated cell balancing, cable
assembly with a Molex Mini-Lock connector, and 85 ºC rated
supercapacitor cells.
Highlights
•
Standard, stocked modules, great for prototyping.
•
Wide operating temperatures compared to Li-batteries
•
Voltages up to 30 Vdc, capacitance from 0.15 to 36.6 Farads
•
Safe, green alternative to Li-ion batteries
•
Each module has voltage balancing
•
REACH and RoHS compliant
•
UL 810A recognized cells
•
Custom designs available
Specifications
Rated Voltage Range
9 Vdc to 30 Vdc
Capacitance Range
0.15 F to 36.6 F
Capacitance Tolerance
-10% +30% (20 ºC)
Operating Temperature Range
–40 ºC to +65 ºC 9V, 18V, 30V
Extended Temperature Range
–40 ºC to +85 ºC 7.5V, 15V, 25V
Storage Temperature
–40 ºC to +70 ºC
Life Time
1000 Hours at rated voltage 65 ºC
Shelf Life
1000 Hours at 65 ºC
Life Cycles
500,000 Cycles at 25 ºC, Vr to 1/2 Vr
Regulatory Information
CDE Cornell Dubilier • 1661 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Part Numbering System
DSM
504
Q
009
W
075
PB
Series
Capacitance
Tolerance
Voltage
Teminal
Type
Lead
Length
Balancing
Type
DSM
504 = 0.5 F
105 = 1.0 F
116 = 11 F
Q = -10% to +30%
009 = 9V
018 = 18V
030 = 30V
W = wire with
connector
075 = 75mm
PB = passive balancing
AB = active balancing
Type DSM, Standard Supercapacitor Modules
9V, 18V, and 30V configurations with cable assembly


Similar Part No. - DSM

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DSM VISHAY-DSM Datasheet
121Kb / 5P
High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
05-Jun-07
logo
StarHope
DSM SPSEMI-DSM Datasheet
290Kb / 2P
Surface Mount Devices
logo
Murata Power Solutions ...
DSM MURATA-PS-DSM Datasheet
301Kb / 9P
Dual Output, 3.3V and 5V, 15Watt DC/DC Converters
2018
logo
Yamaichi Electronics Co...
DSM-09P-G2-V YAMAICHI-DSM-09P-G2-V Datasheet
72Kb / 2P
90째 SMT Type
DSM-09P-G2-V-PC99 YAMAICHI-DSM-09P-G2-V-PC99 Datasheet
72Kb / 2P
90째 SMT Type
More results

Similar Description - DSM

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6507 POMONA-6507 Datasheet
27Kb / 1P
Standard Weco Cable Assembly
logo
SHANGHAI BELLING CO., L...
BL9382 BELLING-BL9382 Datasheet
940Kb / 7P
18V (30V spike) 2A Synchronous Buck Converter
logo
List of Unclassifed Man...
M254032FV ETC2-M254032FV Datasheet
412Kb / 3P
Eight standard circuit configurations available
logo
Tripp Lite. All Rights ...
U328025 TRIPPLITE-U328025 Datasheet
508Kb / 2P
USB 3.0 SuperSpeed Active Repeater Cable (AB M-M), 25-ft
U328036 TRIPPLITE-U328036 Datasheet
488Kb / 2P
USB 3.0 SuperSpeed Active Repeater Cable (AB M-M), 36-ft. (11M)
logo
Analog Devices
ADA4530-1R-EBZ AD-ADA4530-1R-EBZ Datasheet
612Kb / 14P
Easy modifications to other standard configurations
Rev. 0
logo
Illinois Capacitor, Inc...
105DER2R5SFN ILLINOISCAPACITOR-105DER2R5SFN_17 Datasheet
120Kb / 1P
Supercapacitor
106DER2R5SGW ILLINOISCAPACITOR-106DER2R5SGW Datasheet
120Kb / 1P
Supercapacitor
logo
Tripp Lite. All Rights ...
U328-025 TRIPPLITE-U328-025 Datasheet
165Kb / 2P
USB 3.0 SuperSpeed Active Repeater Cable (AB M/M), 25-ft.
U328-036 TRIPPLITE-U328-036 Datasheet
161Kb / 2P
USB 3.0 SuperSpeed Active Repeater Cable (AB M/M), 36-ft. (11M)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com