Electronic Components Datasheet Search
  English  ▼

X  

DSM Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # DSM
Description  AB = active balancingType DSM, Standard Supercapacitor Modules9V, 18V, and 30V configurations with cable assembly
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

DSM Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  DSM Datasheet HTML 1Page - Cornell Dubilier Electronics DSM Datasheet HTML 2Page - Cornell Dubilier Electronics DSM Datasheet HTML 3Page - Cornell Dubilier Electronics DSM Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1661 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type DSM, Standard Supercapacitor Modules
9V, 18V, and 30V configurations with cable assembly
Part Numbers
Part Number
Nominal
Capacitance ESR DC
Peak
Current 1s
Rated
Current
5s
Leakage
Current
72 hrs
Mass
L
(max)
H
(max)
W
(max)
WL
(typ)
(F)
(mΩ)
(A)
(A)
(mA)
(g)
(mm)
(mm)
(mm)
(mm)
9 VDC (65 ºC) | 7.5 VDC (85 ºC)
DSM504Q009W075PB
0.5
1940
1.14
0.38
0.20
3.5
21.5
24.5
7.5
75
DSM105Q009W075PB
1.0
455
3.09
0.83
0.30
5.5
27
27
9
75
DSM335Q009W075PB
3.3
546
5.30
2.20
0.90
11
33
30
11
75
DSM505Q009W075PB
5.0
210
12.26
3.86
1.10
13
41
30
14
75
DSM126Q009W075PB
11.6
152
18.89
7.76
3.00
32
51
39
17.5
75
DSM236Q009W075PB
23.3
122
27.29
13.41
9.00
48
57
57
19.5
75
DSM376Q009W075PB
36.6
110
32.84
18.35
11.00
63
57
67
19.5
75
18 VDC (65 ºC) | 15 VDC (85 ºC)
DSM254Q018W075PB
0.25
3879
1.14
0.38
0.20
6
42
24.5
7.5
75
DSM504Q018W075PB
0.5
909
3.09
0.83
0.30
11
52
27
9
75
DSM165Q018W075PB
1.6
1091
5.24
2.20
0.90
20
64
30
11
75
DSM255Q018W075PB
2.5
334
12.26
3.86
1.10
26
79
30
14
75
DSM585Q018W075PB
5.8
303
18.93
7.76
3.00
64
100
39
17.5
75
DSM126Q018W075PB
11.6
243
27.34
13.41
9.00
96
112
57
19.5
75
DSM186Q018W075PB
18.3
220
32.66
18.08
11.00
126
112
67
19.5
75
30 VDC (65 ºC) | 25 VDC (85 ºC)
DSM154Q030W075PB
0.15
6464
1.14
0.38
0.20
10
35
24.5
14.5
75
DSM304Q030W075PB
0.3
1515
3.09
0.83
0.30
15
44
27
18
75
DSM105Q030W075PB
1.0
1818
5.32
2.20
0.90
29
54
30
22
75
DSM155Q030W075PB
1.5
700
12.27
3.86
1.10
48
66
30
27
75
DSM355Q030W075PB
3.5
505
18.97
7.76
3.00
89
84
39
34
75
DSM705Q030W075PB
7.0
404
27.43
13.41
9.00
171
94
57
38
75
DSM116Q030W075PB
11.0
360
33.26
18.41
11.00
225
94
67
38
75



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com