Electronic Components Datasheet Search
  English  ▼

X  

SJA Datasheet(PDF) 2 Page - Japan Automatic Machine Co., Ltd.

Part # SJA
Description  SJA connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

SJA Datasheet(HTML) 2 Page - Japan Automatic Machine Co., Ltd.

  SJA Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 4Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 5Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 6Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 7Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 8Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SJH connector
SJA
基板・組立レイアウト 
BOARD・ASSEMBLY LAYOUT
(UNIT:mm)
極 数
Pole No.
A
極 数
Pole No.
A
3
4.0
2
2.0
8
14.0
4
6.0
9
16.0
5
8.0
10
11
12
13
18.0
20.0
22.0
24.0
6
10.0
7
12.0
DIPタイプ(DIPType)
ストレート型、プレスピンタイプ(St
raightType,PressPinType)
注3)基板穴寸法は基板の種類・材質・穴開け方法によって異なります。スルーホール基板
などの固い素材の基板をご使用の場合穴径を大きめに設定してください。上記の記載
寸法は参考値ですので詳しくは弊社までお問い合わせください。
Note 3)Dimensions of P.C.B. hole are different in kinds of P.C.B. material and methods
of making holes. Diameter of holes must be set a bit lager if material is used hard
like Through-Hole P.C.B. The above is only reference value. Please contact us
for more details.
注1)基板穴のピッチは全体にわたって公差±0.05で累積しないこと。
Note 1) Pitch of P.C.B. hole must not be accumulated in tolerance of ±0.05 as a whole.
注2)推奨基板レイアウト(コネクタ装着面)
Note 2) P.C.B. Layout(Connector installation side)
Lock side
No.
1
1.3±0.05 A±0.1
2±0.05
φ1±
0.05
ロック側
φ0.75
+0.05
−0
2
ライトアングル型、フォーミングタイプ(RightangleType,FormingType)
3P
2.8
6.3
6.3
2P
2.8
6.3
6.3
Lockside
WSKBタイプ
No.
1
1.3±0.05
A±0.1
2±0.05
φ1
±0.05
ロック側
ストレート型、フォーミングタイプ(St
raightType,FormingType)
WSBタイプ
4∼13P
6.3
6.3
2.8
2P
12.8
7.25
12.3
3P
12.8
7.25
12.3
4∼13P
12.3
7.25
12.8
電線引出方向
Wi
reDi
r.
A±0.1
φ1
±0.05
1.3±0.05
2±0.05
No.
1
WLBタイプ
Board to Wire
Connector
68



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com