Electronic Components Datasheet Search
  English  ▼

X  

SJA Datasheet(PDF) 3 Page - Japan Automatic Machine Co., Ltd.

Part # SJA
Description  SJA connector
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAM [Japan Automatic Machine Co., Ltd.]
Direct Link  https://www.jam-net.co.jp/eng/
Logo JAM - Japan Automatic Machine Co., Ltd.

SJA Datasheet(HTML) 3 Page - Japan Automatic Machine Co., Ltd.

  SJA Datasheet HTML 1Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 2Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 3Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 4Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 5Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 6Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 7Page - Japan Automatic Machine Co., Ltd. SJA Datasheet HTML 8Page - Japan Automatic Machine Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SJH connector
SJA
(UNIT:mm)
ハウジング 
HOUSING
極 数
Pole No.
B
極 数
Pole No.
A
4.0
2
2.0
8
18.0
4
3
6.0
9
20.0
5
8.0
10
22.0
6
10.0
11
24.0
7
製品番号
Product No.
製品番号
Product No.
SJA20-02HG
SJA20-04HG
SJA20-03HG
SJA20-05HG
SJA20-06HG
SJA20-07HG
12.0
A
8.0
6.0
10.0
12.0
14.0
16.0
12
26.0
13
SJA20-08HG
SJA20-09HG
SJA20-10HG
SJA20-11HG
SJA20-12HG
SJA20-13HG
28.0
B
14.0
16.0
18.0
20.0
22.0
24.0
品 番
Part No.
適用電線範囲
Wire Size
被覆外径
Dia of Insulation
材 質
Material
表面処理
Finish
被覆剥き長さ
Stripping length
個数/リール
PCS/Reel
備 考
Reference
720374-2MAC
♯24∼♯30
φ0.8∼φ1.5mm
リン青銅
Phosphor Bronze
スズメッキ材
Pre-tin Plated
2.0±0.2mm
15,000×6R
720474-2MAC
♯22∼♯24
φ1.1∼φ1.6mm
リン青銅
Phosphor Bronze
スズメッキ材
Pre-tin Plated
2.0±0.2mm
15,000×6R
搭載機種
Loaded Model
端子番号
Terminal No.
圧着マシン
Crimping Machine
ストリップクリンパー
Strip Crimper
720374
JB-9800
SCA-18200
720474
TJS-17200
端子 
TERMINAL
アプリケータ 
APPLICATOR
(UNIT:mm)
6P
8∼13P
7P
材 質
Material
ナイロン66
(Nylon66)
UL94 V-0
材 質
Material
ナイロン66
(Nylon66)
UL94 V-0
注1)アプリケータは搭載するマシンにより型式番号が異なります。
注2)シールド線・同軸ケーブル・小サイズ電線・その他の特殊仕様の電線を使用の時は、お問
い合わせ下さい。
Note 1)Model number of each applicator is decided by setting machine.
Note 2)Contact us if special wire like shielded wire, coaxial cable, small size
wire is used.
2P
3P
4P
5P
JAM□0
1
A
6.3
B
No.
1
A
6.3
JAM□0
1
B
2
No.
1
A
6.3
JAM□0
1
B
2
No.
1
A
6.3
JAM□0
1
B
2
No.
1
A
6.3
JAM□0
1
B
2
No.
1
6.3
A
JAM□0
1
No.
1
2
B
6.3
A
JAM□0
1
2
No.
1
B
1,000
1,000
個数/袋
Quantity/Bag
個数/袋
Quantity/Bag
Board to Wire
Connector
69



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com