Electronic Components Datasheet Search
  English  ▼

X  

AX88658AB Datasheet(PDF) 20 Page - ASIX Electronics Corporation

Part # AX88658AB
Description  8-Port 10/100/1000BASE-T Ethernet Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88658AB Datasheet(HTML) 20 Page - ASIX Electronics Corporation

Back Button AX88658AB Datasheet HTML 16Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 17Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 18Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 19Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 20Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 21Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 22Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 23Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 24Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
ASIX ELECTRONICS CORPORATION
20
AX88658AB 8-Port 10/100/1000BASE-T Ethernet Switch
CONFIDENTIAL
4.19 Register 12
BIT
R/W
DESCRIPTION
15:10
R/W
MaxJam. This is a six-bit register containing unsigned integer for determining the JAM
counter whether generate JAM or not.
9:0
R/W
HighWaterMarkForFlowCtrl. This is a ten-bit register containing unsigned integer for high
priority queues whether generate PAUSE-OFF or not.
4.20 Register 13
BIT
R/W
DESCRIPTION
15:10
R/W
Reserved
9:0
R/W
HighWaterMark of low priority queues when drop packets
4.21 Register 14
BIT
R/W
DESCRIPTION
15
R/W
RESERVED
14:13
R/W
SmartFlowCtrl for mix-speed connection
0: disable
1: disable flow ctrl for all 10 Mbps port
2: disable flow ctrl for all 100 Mbps port
3: reserved
12
R/W
RESERVED
11:10
R/W
Reserved
9:0
R/W
HighWaterMark of high priority queues when drop packets
4.22 Register 15
BIT
R/W
DESCRIPTION
15:8
R/W
VLAN #1
7:0
R/W
VLAN #0
4.23 Register 16
BIT
R/W
DESCRIPTION
15:8
R/W
VLAN #3
7:0
R/W
VLAN #2
4.24 Register 17
BIT
R/W
DESCRIPTION
15:8
R/W
VLAN #5
7:0
R/W
VLAN #4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com