Electronic Components Datasheet Search
  English  ▼

X  

AX88658AB Datasheet(PDF) 35 Page - ASIX Electronics Corporation

Part # AX88658AB
Description  8-Port 10/100/1000BASE-T Ethernet Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88658AB Datasheet(HTML) 35 Page - ASIX Electronics Corporation

Back Button AX88658AB Datasheet HTML 28Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 29Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 30Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 31Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 32Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 33Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 34Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 35Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 36Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
ASIX ELECTRONICS CORPORATION
35
AX88658AB 8-Port 10/100/1000BASE-T Ethernet Switch
CONFIDENTIAL
Appendix C: Weight Setting for QoS
Service Ratio
(High : Low)
WeightForHighQue[3:0]
WeightForLowQue[3:0]
1 : 1
4’b0100
4’b0100
2 : 1
4’b0100
4’b0010
3 : 1
4’b0110
4’b0010
4 : 1
4’b0100
4’b0001
5 : 1
4’b0101
4’b0001
6 : 1
4’b0110
4’b0001
7 : 1
4’b0111
4’b0001
8 : 1
4’b1000
4’b0001
9 : 1
4’b1001
4’b0001
10 : 1
4’b1010
4’b0001
11 : 1
4’b1011
4’b0001
12 : 1
4’b1100
4’b0001
13 : 1
4’b1101
4’b0001
14 : 1
4’b1110
4’b0001
15 : 1
4’b1111
4’b0001
Appendix D: Resolution Ingress/Egress for Bandwidth Control
Gigabit Bandwidth Ratio
ResolutionIngress / ResolutionEngress
10%
8’h1A
20%
8’h34
30%
8’h4E
40%
8’h67
50%
8’h80
60%
8’h9A
70%
8’hB4
80%
8’hC0
90%
8’hE7
100%
8’hFF
Note :
1.
ResolutionMode is “Byte mode”.
2.
256 level of bandwidth control supports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com