Electronic Components Datasheet Search
  English  ▼

X  

AX88658AB Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88658AB
Description  8-Port 10/100/1000BASE-T Ethernet Switch
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88658AB Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88658AB Datasheet HTML 2Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 3Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 4Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 5Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 6Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 7Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 8Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 9Page - ASIX Electronics Corporation AX88658AB Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
ASIX ELECTRONICS CORPORATION
6
AX88658AB 8-Port 10/100/1000BASE-T Ethernet Switch
CONFIDENTIAL
1.0 AX88658A Overview
1.1 General Description
The AX88658A Gigabit switch controller supports eight 10/100/1000 Mbps ports in wire-speed operation. The
AX88658A Gigabit switch controller provides eight 10/100/1000 Ethernet ports with RGMII/GMII/MII interface. For
each ports, the AX88658A supports GMII/RGMII (802.3ab, 1000BASE-T) interface with full-duplex operation at
Gigabit speed, full- or half-duplex operation at 10/100 Mbps speed (using 802.3/u, 10/100BASE-T) and polls the status
of PHYs with an embedded MPU.
The device supports 4K internal MAC addresses which are shared by all ports with an embedded SRAM. The
learning/routing engine is implemented with a two-way hash/linear algorithm to reduce possibility of routing collision.
Basically the AX88658A supports non-blocking wire speed forwarding rate and no Head-of-Line (HOL) blocking issue.
The AX88658A provides two flow-control mechanisms to avoid loss of data: an optional jamming based backpressure
flow control in the half-duplex operation and IEEE 802.3x in the full-duplex mode.
To support Quality of Service (QoS), each output port has two priority queues and their assignment can be based on the
802.1p priority field or Port-Pair setting. Each output port retrieves the frames from the shared buffer based on queuing
and sends them to the transmitting (Tx) FIFO.
1.2 AX88658A Block Diagram
Fig-1 AX88658A Block Diagram
10/100/1000 MAC
10/100/1000 MAC
10/100/1000 MAC
10/100/1000 MAC
10/100/1000 MAC
High Speed
Switch Fabric
Routing /Learning
Engine
Buffer Manager
Packet
Buffer
General Purpose
I/O Interface (GPIO)
RGMII/GMII PHY
Address Look-up Table
10/100/1000 MAC
10/100/1000 MAC
10/100/1000 MAC
EEPROM
Interface
GPIO
Configuration
Logic
RGMII/GMII PHY
RGMII/GMII PHY
RGMII/GMII PHY
RGMII/GMII PHY
RGMII/GMII PHY
RGMII/GMII PHY
RGMII/GMII PHY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com