Electronic Components Datasheet Search
  English  ▼

X  

RAA212421 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RAA212421
Description  3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA212421 Datasheet(HTML) 4 Page - Renesas Technology Corp

  RAA212421 Datasheet HTML 1Page - Renesas Technology Corp RAA212421 Datasheet HTML 2Page - Renesas Technology Corp RAA212421 Datasheet HTML 3Page - Renesas Technology Corp RAA212421 Datasheet HTML 4Page - Renesas Technology Corp RAA212421 Datasheet HTML 5Page - Renesas Technology Corp RAA212421 Datasheet HTML 6Page - Renesas Technology Corp RAA212421 Datasheet HTML 7Page - Renesas Technology Corp RAA212421 Datasheet HTML 8Page - Renesas Technology Corp RAA212421 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
FN9309 Rev.3.00
Page 4 of 34
Jul 8, 2019
RAA212421
1. Overview
1.2
Block Diagram
Table 1. External Component Selection
VOUT1
(V)
L1
(µH)
COUT1
(µF)
R1
(kΩ)
R2
(kΩ)
CFF
(pF)
RFS
(kΩ)
RCOMP
(kΩ)
CCOMP
(pF)
12
33
2 x 22
90.9
4.75
4.7
115
200
470
5
22
47 + 22
90.9
12.4
22
DNP (Note 1)
130
470
3.3
22
47 + 22
90.9
20
22
DNP (Note 1)
120
470
2.5
15
47 + 22
90.9
28.7
22
DNP (Note 1)110
470
1.8
10
47 + 22
90.9
45.5
22
DNP (Note 1)90
470
Note:
1. Connect FS1 to VCC1.
Figure 5. Functional Block Diagram
Gate Drive
and Dead
Time
Bias
LDO
Oscillator
PFM
Current
Set
Fault
Logic
450mV/T Slope
Compensation
(PWM only)
500mV/A
Current Sense
PWM/PFM
Select Logic
EN/Soft-
Start
Zero Current
Detection
PWM
PWM
600mV VREF
150k
54pF
Internal
Compensation
s
R
Q
Q
Power-
Good
Logic
FB
InternaL = 50µA/V
External = 230µA/V
5M
5M
GND1
LX1
BOOT1
VCC1
VIN1
EN1
FB1
FS1
SYNC1
COMP1
PG1
GND
Package
Paddle
SS1
FB
Control Logic
Thermal
Sensor
Reference
+
Soft-Start
FET Driver with
Current Limit
EN2
SS2
VOUT2
FB2
VIN2
GND2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com