Electronic Components Datasheet Search
  English  ▼

X  

RAA212421 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # RAA212421
Description  3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA212421 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RAA212421 Datasheet HTML 5Page - Renesas Technology Corp RAA212421 Datasheet HTML 6Page - Renesas Technology Corp RAA212421 Datasheet HTML 7Page - Renesas Technology Corp RAA212421 Datasheet HTML 8Page - Renesas Technology Corp RAA212421 Datasheet HTML 9Page - Renesas Technology Corp RAA212421 Datasheet HTML 10Page - Renesas Technology Corp RAA212421 Datasheet HTML 11Page - Renesas Technology Corp RAA212421 Datasheet HTML 12Page - Renesas Technology Corp RAA212421 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
FN9309 Rev.3.00
Page 9 of 34
Jul 8, 2019
RAA212421
2. Specifications
Fault Protection
Thermal Shutdown
Temperature
TSD
Rising threshold
150
°C
THYS
Hysteresis
25
°C
Current Limit Blanking Time
tOCON
17
Clock
pulses
Overcurrent and Auto Restart
Period
tOCOFF
8
SS
cycle
Positive Peak Current Limit
IPLIMIT
(Note 8)
1.3
1.6
1.8
A
PFM Peak Current Limit
IPK_PFM
0.34
0.4
0.5
A
Zero Cross Threshold
15
mA
Negative Current Limit
INLIMIT
(Note 8)
-0.68
-0.6
-0.53
A
Power MOSFET
High-Side
RHDS
IPHASE = 100mA, VCC1 = 5V
313
mΩ
Low-Side
RLDS
IPHASE = 100mA, VCC1 = 5V
175
mΩ
LX1 Leakage Current
EN1 = LX1 = 0V
300
nA
LX1 Rise Time
tRISE
VIN1 = 40V
10
ns
EN1/SYNC1
Input Threshold
Falling edge, logic low
0.4
1
V
Rising edge, logic high
1.2
1.4
V
EN1 Logic Input Leakage
Current
EN1 = 0V/40V
-0.65
0.65
µA
SYNC1 Logic Input Leakage
Current
SYNC1 = 0V
10
100
nA
SYNC1 = 5V
1.0
1.55
µA
LDO Regulator
DC Characteristics
Input Voltage
VIN2
0°C < TJ < +125°C
1.8
6.0
V
-40°C < TJ < +125°C
2.2
6.0
V
Feedback Pin Voltage
VFB2
1.8V < VIN2 < 6V; 0A < ILOAD2 < 500mA
491
500
509
mV
Feedback Input Current
VFB2 = 0.5V
0.01
1
µA
Line Regulation
(VOUT2(LOW LINE) -
VOUT2(HIGH LINE))/
VOUT2(LOW LINE)
VIN2 = 1.8V to 6V; ILOAD2 = 100mA
-0.9
0.9
%
Load Regulation
(VOUT2(NO LOAD) -
VOUT2(FULL LOAD))/
VOUT2(NO LOAD)
VIN2 = 2.2V; ILOAD2 = 0A to 500mA
-0.7
0.7
%
Ground Pin Current
IQ2
ILOAD2 = 0A, 1.8V < VIN2 < 6V
2.2
4.6
mA
ILOAD2 = 500mA, 1.8V < VIN2 < 6V
2.8
5.7
mA
Ground Pin Current in
Shutdown
ISHDN
EN2 pin = 0V, VIN2 = 6V
0.2
12
µA
Dropout Voltage (Note 11)VDO
ILOAD2 = 500mA, VOUT2 = 2.5V
45
90
mV
Output Short-Circuit Current
OCP
VOUT2 = 0V
0.75
1.2
1.5
A
Thermal Shutdown
Temperature
TSD
160
°C
Recommended operating conditions, VCC1 = 3.3V, unless otherwise specified. (Continued)
Parameter
Symbol
Test Conditions
Min
(Note 9)
Typ
Max
(Note 9)Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com