Electronic Components Datasheet Search
  English  ▼

X  

RAA212421 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RAA212421
Description  3V to 40V Input, 1.1A Synchronous Buck Regulator with Integrated 500mA LDO
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RAA212421 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RAA212421 Datasheet HTML 4Page - Renesas Technology Corp RAA212421 Datasheet HTML 5Page - Renesas Technology Corp RAA212421 Datasheet HTML 6Page - Renesas Technology Corp RAA212421 Datasheet HTML 7Page - Renesas Technology Corp RAA212421 Datasheet HTML 8Page - Renesas Technology Corp RAA212421 Datasheet HTML 9Page - Renesas Technology Corp RAA212421 Datasheet HTML 10Page - Renesas Technology Corp RAA212421 Datasheet HTML 11Page - Renesas Technology Corp RAA212421 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
FN9309 Rev.3.00
Page 8 of 34
Jul 8, 2019
RAA212421
2. Specifications
2.4
Electrical Specifications
Recommended operating conditions, VCC1 = 3.3V, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
(Note 9)
Typ
Max
(Note 9)Unit
Buck Regulator
Supply Voltage
VIN1 Voltage Range
VIN1
340
V
VIN1 Quiescent Supply Current
IQ1
SYNC1 = 5V, fSW = VCC1
8mA
VIN1 Shutdown Supply Current
ISD1
EN1 = 0V, VIN1 = 40V (Note 7)2
4
µA
VCC1 Voltage
VCC1
VIN1 = 6V, IOUT = 0 to 10mA
4.5
5.1
5.7
V
Power-On Reset
VCC1 POR Threshold
Rising edge
2.75
2.95
V
Falling edge
2.35
2.6
V
Oscillator
Nominal Switching Frequency
fSW
FS1 pin = VCC1
430
500
570
kHz
Resistor from FS1 pin to
GND1 = 340kΩ
240
300
360
kHz
Resistor from FS1 pin to
GND1 = 32.4kΩ
2000
kHz
Minimum Off-Time
tOFF
VIN1 = 3V
150
ns
Minimum On-Time
tON
(Note 10)90
ns
FS1 Voltage
VFS
RFS1 = 100kΩ
0.39
0.4
0.41
V
Synchronization Frequency
SYNC1
300
2000
kHz
SYNC Pulse Width
100
ns
Error Amplifier
Error Amplifier
Transconductance Gain
gm1
External compensation
165
230
295
µA/V
Internal compensation
50
µA/V
FB1 Leakage Current
VFB1 = 0.6V
1
150
nA
Current Sense Amplifier Gain
RT1
0.44
0.5
0.54
V/A
FB1 Voltage
TA = -40°C to +85°C
0.590
0.599
0.606
V
TA = -40°C to +125°C
0.590
0.599
0.607
V
Power-Good
Lower PG1 Threshold - VFB1
Rising
90
94
%
Lower PG1 Threshold - VFB1
Falling
82.5
86
%
Upper PG1 Threshold - VFB1
Rising
116.5
120
%
Upper PG1 Threshold - VFB1
Falling
107
112
%
PG1 Propagation Delay
Percentage of the soft-start time
10
%
PG1 Low Voltage
ISINK = 3mA, EN1 = VCC1, VFB1 = 0V
0.05
0.3
V
Tracking and Soft-Start (SS1)
Soft-Start Charging Current
ISS1
4.2
5.5
6.7
µA
Internal Soft-Start Ramp Time
EN1/SS1 = VCC1
1.5
2.4
3.4
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com