Electronic Components Datasheet Search
  English  ▼

X  

PUMB10 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part # PUMB10
Description  PNP/PNP resistor-equipped transistors; R1 = 2.2 k, R2 = 47 k
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PUMB10 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button PUMB10 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 8Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 9Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 10Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 11Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 12Page - Nexperia B.V. All rights reserved PUMB10 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
PEMB10_PUMB10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 3 — 3 January 2012
8 of 15
NXP Semiconductors
PEMB10; PUMB10
PNP/PNP resistor-equipped transistors; R1 = 2.2 k
, R2 = 47 k
8.
Test information
8.1 Quality information
This product has been qualified in accordance with the Automotive Electronics Council
(AEC) standard Q101 - Stress test qualification for discrete semiconductors, and is
suitable for use in automotive applications.
f = 1 MHz; Tamb =25 CVCE = 5V; Tamb =25 C
Fig 8.
Collector capacitance as a function of
collector-base voltage; typical values
Fig 9.
Transition frequency as a function of collector
current; typical values of built-in transistor
VCB (V)
0
-50
-40
-20
-30
-10
006aac818
3
6
9
Cc
(pF)
0
006aac763
IC (mA)
-10-1
-102
-10
-1
102
103
fT
(MHz)
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com