Electronic Components Datasheet Search
  English  ▼

X  

LM1229YA Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1229YA
Description  I2C Compatible CMOS TV RGB and Deflection Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1229YA Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM1229YA Datasheet HTML 6Page - National Semiconductor (TI) LM1229YA Datasheet HTML 7Page - National Semiconductor (TI) LM1229YA Datasheet HTML 8Page - National Semiconductor (TI) LM1229YA Datasheet HTML 9Page - National Semiconductor (TI) LM1229YA Datasheet HTML 10Page - National Semiconductor (TI) LM1229YA Datasheet HTML 11Page - National Semiconductor (TI) LM1229YA Datasheet HTML 12Page - National Semiconductor (TI) LM1229YA Datasheet HTML 13Page - National Semiconductor (TI) LM1229YA Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Application Information
PIN CONNECTIONS
Pin
No.
Pin Name
Schematic
Description
1
2
C
ALC
C
OSC
C
ALC is the feedback loop filter which maintains
constant vertical ramp amplitude according to the
value set in the vertical height register.
C
OSC is the capacitor which determines the
slope of the vertical ramp.
3
4
VDRIVE
OUT
VDRIVE
REF
These two outputs provide the inputs to a
vertical output amplifier which drives the vertical
yoke winding. Since the VDRIVE
OUT amplitude is
from 1.5V to 2.5V peak to peak, the gain of the
output amplifier must be set with external
resistors to match the vertical yoke being used.
The VDRIVE
OUT slope is positive (increasing
voltage with time).
5
6
7
23
54
V
REF Caps
Provides filtering for the internal voltages which
set the internal bias currents in conjunction with
R
EXT. For proper filtering, pins 5, 6 and 7 should
be 10 µF, pin 23 should be 54 µF and pin 54
should be .01 µF. These capacitors should be
placed as close to their pins as possible.
8
VEHT1
This input pin is used to control the height of the
vertical ramp based on changes in the high
voltage. A 1V negative change at pin 8 causes a
maximum of 5% reduction in the ramp amplitude
when the VEHT[3:0] is set to 0xF. If this pin is
not used, bit 3 of the SYNCPOL register should
be set to 1. The values shown give a 350 mV
change at pin 8 from a 2.5V change at the ABL
pin.
9
VEHT2
This input pin is used to control the level of the
E-W parabola based on changes in the high
voltage. A 1V negative change at pin 9 causes a
maximum of 300 mV increase in the ramp DC
level when the VEHT[7:4] is set to 0xF. If this pin
is unused, bit 4 of the SYNCPOL register should
be set to 1. The values shown give a 350 mV
change at pin 9 from a 2.5V change at the ABL
pin.
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com