Electronic Components Datasheet Search
  English  ▼

X  

LM1229YA Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM1229YA
Description  I2C Compatible CMOS TV RGB and Deflection Processor
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1229YA Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LM1229YA Datasheet HTML 7Page - National Semiconductor (TI) LM1229YA Datasheet HTML 8Page - National Semiconductor (TI) LM1229YA Datasheet HTML 9Page - National Semiconductor (TI) LM1229YA Datasheet HTML 10Page - National Semiconductor (TI) LM1229YA Datasheet HTML 11Page - National Semiconductor (TI) LM1229YA Datasheet HTML 12Page - National Semiconductor (TI) LM1229YA Datasheet HTML 13Page - National Semiconductor (TI) LM1229YA Datasheet HTML 14Page - National Semiconductor (TI) LM1229YA Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Application Information (Continued)
Pin
No.
Pin Name
Schematic
Description
10
EW
OUT
EW
OUT is the output used for control of width,
pincushion, trapezoid and top and bottom
corners. Its lowest voltage is in the middle of
vertical scan. The amplitudes of these functions
are register controlled.
11
FOCUS
OUT
FOCUS
OUT is used for dynamic focus
adjustment. The peak to peak amplitude is
register controlled and if it is used for both
horizontal and vertical dynamic focus, their
amplitudes will be controlled proportionately.
V
CC & GND
Power supply and ground pin for all the LM1229.
Note the recommended charge storage and high
frequency capacitors which should be as close to
pins wherever possible.
14
HDRIVE
OUT
This is the horizontal drive output. When this
output is low, the horizontal output transistor is
on and a positive edge at pin 14 starts the
flyback pulse. The duty cycle slowly increases to
50% when power is applied. The output sink
current should not exceed 10 mA.
15
SCL
The I
2C compatible clock line. A pull-up resistor
of about 4.7 k
Ω should be connected between
this pin and V
CC. A resistor of at least 100
Ω
should be connected in series with the clock line
for additional ESD protection.
16
SDA
The I
2C compatible data line. A pull-up resistor of
about 4.7 k
Ω should be connected between this
pin and V
CC. A resistor of at least 100
Ω should
be connected in series with the data line for
additional ESD protection.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com