Electronic Components Datasheet Search
  English  ▼

X  

AM6012 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AM6012
Description  12-Bit multiplying D/A converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AM6012 Datasheet(HTML) 1 Page - NXP Semiconductors

  AM6012 Datasheet HTML 1Page - NXP Semiconductors AM6012 Datasheet HTML 2Page - NXP Semiconductors AM6012 Datasheet HTML 3Page - NXP Semiconductors AM6012 Datasheet HTML 4Page - NXP Semiconductors AM6012 Datasheet HTML 5Page - NXP Semiconductors AM6012 Datasheet HTML 6Page - NXP Semiconductors AM6012 Datasheet HTML 7Page - NXP Semiconductors AM6012 Datasheet HTML 8Page - NXP Semiconductors AM6012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Philips Semiconductors Linear Products
Product specification
AM6012
12-Bit multiplying D/A converter
776
August 31, 1994
853-0904 13721
DESCRIPTION
The AM6012 12-bit multiplying Digital-to-Analog converter provides
high-speed and 0.025% differential nonlinearity over its full
commercial temperature range.
The D/A converter uses a 3-bit segment generator for the MSBs in
conjunction with a 9-bit R-2R diffused resistor ladder to provide
12-bit resolution without costly trimming processes. This technique
guarantees a very uniform step size (up to
± LSB from the ideal),
monotonicity to 12 bits and integral nonlinearity to 0.05% at its
differential current outputs.
The dual complementary outputs of the AM6012 increase its
versatility, and effectively double the peak-to-peak output swing.
Digital inputs, in addition, can be configured to accept all popular
logic families.
While the device requires a reference input of 1mA for a 4mA
full-scale current, operation is nearly independent of power supply
voltage shifts. The power supply rejection ratio is
±0.001% FS/% ∆V.
The devices will work from +5, -12V to
±18V rails, with as low as
230mW power consumption typical.
FEATURES
• 12-bit resolution
• Accurate to within ±0.05%
• Monotonic over temperature
• Fast settling time, 250ns typical
• Trimless design for low cost
• Differential current outputs
• High-speed multiplying capability
• Full-scale current, 4mA (with 1mA reference)
• High output compliance voltage, -5 to +10V
• Low power consumption, 230mW
PIN CONFIGURATION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
20
19
18
17
16
15
D1 and F Packages
NOTE:
1. Available in large SO (SOL) package only.
TOP VIEW
D1
D2
D3
D4
D5
D6
D7
D8
D9
D10
V+
IO
IO
V–
COMP
VREF(–)
VREF(+)
GND/VLC
D12 LSB
D11
APPLICATIONS
• CRT displays, computer graphics
• Robotics and machine tools
• Automatic test equipment
• Programmable power supplies
• CAD/CAM systems
• Data acquisition and control systems
• Analog-to-digital converter systems
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
20-Pin Ceramic Dual In-Line Package (CERDIP)
0 to +70
°C
AM6012F
0584B
20-Pin Plastic Small Outline Large (SOL) Package
0 to +70
°C
AM6012D
0172D


Similar Part No. - AM6012

ManufacturerPart #DatasheetDescription
logo
AXElite technology co. ...
AM6012 AXELITE-AM6012 Datasheet
591Kb / 6P
N-Ch 100V Fast Switching MOSFETs
Rev.1.0 Apr.29, 2019
AM6012S AXELITE-AM6012S Datasheet
591Kb / 6P
N-Ch 100V Fast Switching MOSFETs
Rev.1.0 Apr.29, 2019
AM6012SA AXELITE-AM6012SA Datasheet
591Kb / 6P
N-Ch 100V Fast Switching MOSFETs
Rev.1.0 Apr.29, 2019
More results

Similar Description - AM6012

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC1020 NSC-DAC1020 Datasheet
264Kb / 14P
10-Bit, 12-Bit Binary Multiplying D/A Converter
DAC1218 NSC-DAC1218 Datasheet
227Kb / 12P
12-Bit Binary Multiplying D/A Converter
logo
Analog Devices
AD668 AD-AD668 Datasheet
602Kb / 16P
12-Bit Ultrahigh Speed Multiplying D/A Converter
logo
Intersil Corporation
AD7541 INTERSIL-AD7541 Datasheet
53Kb / 8P
12-Bit, Multiplying D/A Converter
August 1997
logo
Maxim Integrated Produc...
MX7541 MAXIM-MX7541 Datasheet
179Kb / 4P
CMOS 12 Bit Multiplying D/A Converter
19-0940; Rev 1; 7/95
MX7541A MAXIM-MX7541A Datasheet
317Kb / 8P
CMOS 12 Bit Multiplying D/A Converter
19-0941; Rev 2; 7/95
logo
Intersil Corporation
AD7541 INTERSIL-AD7541_02 Datasheet
164Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
logo
Analog Devices
AD394 AD-AD394_15 Datasheet
626Kb / 12P
Compatible Multiplying Quad 12-Bit D/A Converter
REV. A
DAC312 AD-DAC312_15 Datasheet
272Kb / 14P
12-Bit High Speed Multiplying D/A Converter
REV. C
logo
Renesas Technology Corp
AD7541 RENESAS-AD7541 Datasheet
480Kb / 8P
12-Bit, Multiplying D/A Converter
May 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com