Electronic Components Datasheet Search
  English  ▼

X  

AM6012 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # AM6012
Description  12-Bit multiplying D/A converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AM6012 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button AM6012 Datasheet HTML 3Page - NXP Semiconductors AM6012 Datasheet HTML 4Page - NXP Semiconductors AM6012 Datasheet HTML 5Page - NXP Semiconductors AM6012 Datasheet HTML 6Page - NXP Semiconductors AM6012 Datasheet HTML 7Page - NXP Semiconductors AM6012 Datasheet HTML 8Page - NXP Semiconductors AM6012 Datasheet HTML 9Page - NXP Semiconductors AM6012 Datasheet HTML 10Page - NXP Semiconductors AM6012 Datasheet HTML 11Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Philips Semiconductors Linear Products
Product specification
AM6012
12-Bit multiplying D/A converter
August 31, 1994
785
APPLICATION CIRCUITS
Figure 5. CRT Display Driver
NOTES:
1. Full differential drive lowers power supply voltage.
2. Eliminates inverting amplifiers and transformers.
3. Independent beam centering controls.
60V COMMON
MODE LEVEL
AM6012
–15V
“X” INPUT
“Y” INPUT
CRT
+120VDC
–15V
AM6012
IO
IO
IO
IO
CONVERSION TIME PER TRIAL, ns
Figure 6. 12-Bit High-Speed A/D Converter
CONVERSION
TIME (ns)
TYP
WORST
CASE
SAR
NE529
TOTAL
X 13
33
100
383ns
5.0
µs
55
150
705ns
9.1
µs
1.25
1.00
0.75
0.50
0.25
0.00
CONVERSION TIME vs ACCURACY
100
200
300
400
500
600
700
800
AM6012
WITH
NE529
(TYP)
(WORST CASE)
AM6012
WITH
NE529
SERIAL
DATA OUT
AM6012
E
CLOCK
CP
Q11
2504 SAR
(NAT’L, AMD)
+15V
+10V
REF
5.000k
5.000k
MSB
COMP
LSB
NE529
ANALOG IN
(0–10V)
V(–0
V(+)
LSB
MSB
0.1
µF
10.000k
Ω
2.5k
Ω
0.001
µF
IO
IO
0.001
µF
0.01
µF
1
µF 1µF
10.000k
Ω
S
CC
DO
D
O0
VREF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com