Electronic Components Datasheet Search
  English  ▼

X  

AM6012 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AM6012
Description  12-Bit multiplying D/A converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

AM6012 Datasheet(HTML) 3 Page - NXP Semiconductors

  AM6012 Datasheet HTML 1Page - NXP Semiconductors AM6012 Datasheet HTML 2Page - NXP Semiconductors AM6012 Datasheet HTML 3Page - NXP Semiconductors AM6012 Datasheet HTML 4Page - NXP Semiconductors AM6012 Datasheet HTML 5Page - NXP Semiconductors AM6012 Datasheet HTML 6Page - NXP Semiconductors AM6012 Datasheet HTML 7Page - NXP Semiconductors AM6012 Datasheet HTML 8Page - NXP Semiconductors AM6012 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Philips Semiconductors Linear Products
Product specification
AM6012
12-Bit multiplying D/A converter
August 31, 1994
778
DC ELECTRICAL CHARACTERISTICS
V+=+15V, V-=-15V, IREF=1.0mA, 0°C ≤ TA ≤ 70°C
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
Resolution
12
Bits
Monotonicity
12
Bits
DNL
Differential nonlinearity
Deviation from ideal step size
±0.025
%FS
12
Bits
NL
Nonlinearity
Deviation from ideal straight line
±.05
%FS
IFS
Full-scale current
VREF=10.000V
R14-R15=10.000kΩ
TA=25°C
3.935
3.999
4.063
mA
TCIFS
Full-scale tempco
±10
±40
ppm/
°C
±0.001
±0.004
%FS/
°C
VOC
Output voltage compliance
DNL Specification guaranteed over
compliance range
ROUT>10MΩ typ.
-5
+10
V
IFSS
Symmetry
IFS-IFS
±0.4
±2.0
µA
IZS
Zero-scale current
0.10
µA
VIL
VIH
Logic
input
levels
Logic “0”
0.8
V
Logic “1”
2.0
IIN
Logic input current
VIN=-5 to +18V
40
µA
VIS
Logic input swing
V-=-15V
-5
+18
V
IREF
Reference current range
0.2
1.0
1.1
mA
I15
Reference bias current
0
-0.5
-2.0
µA
dl/dt
Reference input slew rate
R14(eq)=800Ω
CC=0pF
4.0
8.0
mA/
µs
PSSIFS+
Power supply sensitivity
V+=+13.5V to +16.5V, V-=-15V
±0.0005
±0.001
%FS/%
PSSIFS-
V-=-13.5V to -16.5V, V+=+15V
±0.00025
±0.001
V+
Power supply range
VOUT=0V
4.5
18
V
V-
-18
-10.8
I+
V+=+5V, V-=-15V
5.7
8.5
I-
Power supply current
-13.7
-18.0
mA
I+
V+=+15V, V-=-15V
5.7
8.5
I-
-13.7
-18.0
PD
Power dissipation
V+=+5V, V-=-15V
234
312
mW
V+=+15V, V-=-15V
291
397
AC ELECTRICAL CHARACTERISTICS
V+=+15V, V-=-15V, IREF=1.0mA, 0°C ≤ TA ≤ 70°C
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
tS
Settling time
To
± 1/2LSB, all bits ON or OFF, TA=25°C
250
500
ns
tPLH
tPHL
Propagation
delay—all bits
50% to 50%
25
50
ns
COUT
Output capacitance
20
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com