Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 80C52
Description  CMOS single-chip 8-bit microcontroller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 5Page - NXP Semiconductors 80C52 Datasheet HTML 6Page - NXP Semiconductors 80C52 Datasheet HTML 7Page - NXP Semiconductors 80C52 Datasheet HTML 8Page - NXP Semiconductors 80C52 Datasheet HTML 9Page - NXP Semiconductors 80C52 Datasheet HTML 10Page - NXP Semiconductors 80C52 Datasheet HTML 11Page - NXP Semiconductors 80C52 Datasheet HTML 12Page - NXP Semiconductors 80C52 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Philips Semiconductors
Product specification
80C528/83C528
CMOS single-chip 8-bit microcontrollers
1995 Feb 02
9
Table 2.
Internal and External Program Memory Access with Security Bit Set
INSTRUCTION
ACCESS TO INTERNAL
PROGRAM MEMORY
ACCESS TO EXTERNAL
PROGRAM MEMORY
MOVC in internal program memory
YES
YES
MOVC in external program memory
NO
YES
ROM CODE PROTECTION
By setting a mask programmable security bit,
the ROM content in the 83C528 is protected,
i.e., it cannot be read out by any test mode or
by any instruction in the external program
memory space. The MOVC instructions are
the only ones which have access to program
code in the internal or external program
memory. The EA input is latched during
RESET and is ‘don’t care’ after RESET (also
if security bit is not set). This implementation
prevents reading from internal program code
by switching from external program memory
to internal program memory during MOVC
instruction or an instruction that handles
immediate data. Table 2 lists the access to
the internal and external program memory by
the MOVC instructions when the security bit
has been set to logical one. If the security bit
has been set to a logical 0 there are no
restrictions for the MOVC instructions.
INTERNAL DATA MEMORY
The internal data memory is divided into
three physically separated segments: 256
bytes of RAM, 256 bytes of AUX-RAM, and a
128 bytes special function area. These can
be addressed each in a different way.
– RAM 0 to 127 can be addressed directly
and indirectly as in the 80C51. Address
pointers are R0 and R1 of the selected
register bank.
– RAM 128 to 255 can only be addressed
indirectly as in the 80C51. Address
pointers are R0 and R1 of the selected
register bank.
– AUX-RAM 0 to 255 is indirectly addressed
in the same way as external data memory
with the MOVX instructions. Address
pointers are R0, R1 of the selected register
bank and DPTR. An access to AUX-RAM 0
to 255 will not affect ports P0, P2, P3.6 and
P3.7.
An access to external data memory locations
higher than 255 will be performed with the
MOVX DPTR instructions in the same way as
in the 8051 structure, so with P0 and P2 as
data/address bus and P3.6 and P3.7 as write
and read timing signals. Note that these
external data memory cannot be accessed
with R0 and R1 as address pointer.
TIMER 2
Timer 2 is functionally equal to the Timer 2 of
the 8052AH. Timer 2 is a 16-bit timer/counter.
These 16 bits are formed by two special
function registers TL2 and TH2. Another pair
of special function register RCAP2L and
RCAP2H form a 16-bit capture register or a
16-bit reload register. Like Timer 0 and 1, it
can operate either as a timer or as an event
counter. This is selected by bit C/T2N in the
special function register T2CON. It has three
operating modes: capture, autoload, and
baud rate generator mode which are selected
by bits in T2CON.
WATCHDOG TIMER T3
The watchdog timer consists of an 11-bit
prescaler and an 8-bit timer formed by
special function register T3. The prescaler is
incremented by an on-chip oscillator with a
fixed frequency of 1MHz. The maximum
tolerance on this frequency is –50% and
+100%. The 8-bit timer increments every
2048 cycles of the on-chip oscillator. When a
timer overflow occurs, the microcontroller is
reset and a reset output pulse of 16
× 2048
cycles of the on-chip oscillator is generated
at pin RST. The internal RESET signal is not
inhibited when the external RST pin is kept
low by, for example, an external reset circuit.
The RESET signal drives port 1, 2, 3 into the
high state and port 0 into the high impedance
state.
The watchdog timer is controlled by one
special function register WDCON with the
direct address location A5H. WDCON can be
read and written by software. A value of A5H
in WDCON halts the on-chip oscillator and
clears both the prescaler and timer T3. After
the RESET signal, WDCON contains A5H.
Every value other than A5H in WDCON
enables the watchdog timer. When the
watchdog timer is enabled, it runs
independently of the XTAL-clock.
Timer T3 can be read on the fly. Timer T3
can only be written if WDCON contains the
value 5AH. A successful write operation to
T3 will clear the prescaler and WDCON,
leaving the watchdog enabled and preventing
inadvertent changes of T3. To prevent an
overflow of the watchdog timer, the user
program has to reload the watchdog timer
within periods that are shorter than the
programmed watchdog timer internal. This
time interval is determined by an 8-bit value
that has to be loaded in register T3 while at
the same time the prescaler is cleared by
hardware.
Watchdog timer interval =
[256
* (T3)]
2048
on
* chip oscillator frequency
BIT-LEVEL I2C INTERFACE
This bit-level serial I/O interface supports the
I2C-bus. P1.6/SCL and P1.7/SDA are the
serial I/O pins. These two pins meet the I2C
specification concerning the input levels and
output drive capability. Consequently, these
pins have an open drain output configuration.
All the four modes of the I2C-bus are
supported:
– master transmitter
– master receiver
– slave transmitter
– slave receiver
The advantages of the bit-level I2C hardware
compared with a full software I2C
implementation are:
– the hardware can generate the SCL pulse
– Testing a single bit (RBF respectively,
WBF) is sufficient as a check for error free
transmission.
The bit-level I2C hardware operates on serial
bit level and performs the following functions:
– filtering the incoming serial data and clock
signals
– recognizing the START condition
– generating a serial interrupt request SI
after reception of a START condition and
the first falling edge of the serial clock
– recognizing the STOP condition
– recognizing a serial clock pulse on the SCL
line
– latching a serial bit on the SDA line (SDI)
– stretching the SCL LOW period of the
serial clock to suspend the transfer of the
next serial data bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com