Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 80C52
Description  CMOS single-chip 8-bit microcontroller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 8Page - NXP Semiconductors 80C52 Datasheet HTML 9Page - NXP Semiconductors 80C52 Datasheet HTML 10Page - NXP Semiconductors 80C52 Datasheet HTML 11Page - NXP Semiconductors 80C52 Datasheet HTML 12Page - NXP Semiconductors 80C52 Datasheet HTML 13Page - NXP Semiconductors 80C52 Datasheet HTML 14Page - NXP Semiconductors 80C52 Datasheet HTML 15Page - NXP Semiconductors 80C52 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Philips Semiconductors
Product specification
80C528/83C528
CMOS single-chip 8-bit microcontrollers
1995 Feb 02
12
ABSOLUTE MAXIMUM RATINGS1, 2, 3
PARAMETER
RATING
UNIT
Operating temperature under bias
0 to +70, or –40 to +85, or –40 to +125
°C
Storage temperature range
–65 to +150
°C
Voltage on any other pin to VSS
–0.5 to VDD +0.5
V
Input, output current on any two pins
±10
mA
Power dissipation
(based on package heat transfer limitations, not device power consumption)
1.0
W
NOTES:
1. Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any conditions other than those described in the AC and DC Electrical Characteristics section
of this specification is not implied.
2. This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive static
charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated maxima.
3. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless otherwise
noted.
DC ELECTRICAL CHARACTERISTICS
Tamb = 0°C to +70°C (VDD = 5V ±20%), –40°C to +85°C (VDD = 5V ±20%), or –40°C to +125°C (VDD = 5V ±10%), VSS=0V
TEST
LIMITS
SYMBOL
PARAMETER
PART TYPE
CONDITIONS
MIN
MAX
UNIT
VIL
Input low voltage,
except EA, P1.6/SCL, P1.7/SDA
0
°C to 70°C
–40
°C to +85°C
–40
°C to +125°C
–0.5
–0.5
–0.5
0.2VDD–0.1
0.2VDD–0.15
0.2VDD–0.25
V
V
V
VIL1
Input low voltage to EA
0
°C to 70°C
–40
°C to +85°C
–40
°C to +125°C
–0.5
–0.5
–0.5
0.2VDD–0.3
0.2VDD–0.35
0.2VDD–0.45
V
V
V
VIL2
Input low voltage to P1.6/SCL, P1.7/SDA3
–0.5
0.3VDD
V
VIH
Input high voltage,
except XTAL1, RST, P1.6/SCL, P1.7/SDA
0
°C to 70°C
–40
°C to +85°C
–40
°C to +125°C
0.2VDD+0.9
0.2VDD+1.0
0.2VDD+1.0
VDD+0.5
VDD+0.5
VDD+0.5
V
V
V
VIH1
Input high voltage, XTAL1, RST
0
°C to 70°C
–40
°C to +85°C
–40
°C to +125°C
0.7VDD
0.7VDD+0.1
0.7VDD+0.1
VDD+0.5
VDD+0.5
VDD+0.5
V
V
V
VIH2
Input high voltage, P1.6/SCL, P1.7/SDA3
0.7VDD
6.0
V
VOL
Output low voltage, ports 1, 2, 3, except
P1.6/SCL, P1.7/SDA1
IOL = 1.6mA4
0.45
V
VOL1
Output low voltage, port 0, ALE, PSEN1
IOL = 3.2mA4
0.45
V
VOL2
Output low voltage, P1.6/SCL, P1.7/SDA
IOL = 3.0mA4
0.4
V
VOH
Output high voltage, ports 1, 2, 3
VDD = 5V ±10%,
IOH = –60µA
2.4
V
IOH = –25µA
0.75VDD
V
IOH = –10µA
0.9VDD
V
VOH1
Output high voltage, Port 0 in external bus mode,
ALE, PSEN, RST2
VDD = 5V ±10%,
IOH = –800µA
IOH = –300µA
2.4
0.75VDD
V
V
IOH = –80µA
0.9VDD
V
IIL
Logical 0 input current, ports 1, 2, 3,
except P1.6/SCL, P1.7/SDA
0
°C to 70°C
–40
°C to +85°C
–40
°C to +125°C
VIN = 0.45V
–50
–75
–75
µA
µA
µA
ITL
Logical 1-to-0 transition current, ports 1, 2, 3,
except P1.6/SCL, P1.7/SDA
0
°C to 70°C
–40
°C to +85°C
–40
°C to +125°C
See note 5
–650
–750
–750
µA
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com