Electronic Components Datasheet Search
  English  ▼

X  

80C52 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 80C52
Description  CMOS single-chip 8-bit microcontroller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

80C52 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 80C52 Datasheet HTML 6Page - NXP Semiconductors 80C52 Datasheet HTML 7Page - NXP Semiconductors 80C52 Datasheet HTML 8Page - NXP Semiconductors 80C52 Datasheet HTML 9Page - NXP Semiconductors 80C52 Datasheet HTML 10Page - NXP Semiconductors 80C52 Datasheet HTML 11Page - NXP Semiconductors 80C52 Datasheet HTML 12Page - NXP Semiconductors 80C52 Datasheet HTML 13Page - NXP Semiconductors 80C52 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Philips Semiconductors
Product specification
80C528/83C528
CMOS single-chip 8-bit microcontrollers
1995 Feb 02
10
– setting Read Bit Finished (RBF) when the
SCL clock pulse has finished and Write Bit
Finished (WBF) if there is no arbitration
loss detected (i.e., SDA = 0 while SDO = 1)
– setting a serial clock Low-to-High detected
(CLH) flag
– setting a Bus Busy (BB) flag on a START
condition and clearing this flag on a STOP
condition
– releasing the SCL line and clearing the
CLH, RBF and WBF flags to resume
transfer of the next serial data bit
– generating an automatic clock if the single
bit data register S1BIT is used in master
mode.
The following functions must be done in
software:
– handling the I2C START interrupts
– converting serial to parallel data when
receiving
– converting parallel to serial data when
transmitting
– comparing the received slave address with
its own
– interpreting the acknowledge information
– guarding the I2C status if RBF or WBF = 0.
Additionally, if acting as master:
– generating START and STOP conditions
– handling bus arbitration
– generating serial clock pulses if S1BIT is
not used.
Three SFRs control the bit-level I2C interface:
S1INT, S1BIT and S1SCS.
INTERRUPT SYSTEM
The interrupt structure of the 8XC528 is the
same as that used in the 80C51, but includes
two additional interrupt sources: one for the
third timer/counter, T2, and one for the I2C
interface. The interrupt enable and interrupt
priority registers are IE and IP.
IE: Interrupt Enable Register
This register is located at address A8H. Refer
to Table 3.
IE SFR (A8H)
ET1
ES
ES1
ET2
EA
EX1
ET0
EX0
7
6
5
4
3
2
1
0
IP: Interrupt Priority Register
This register is located at address B8H. Refer
to Table 4.
IP SFR (B8H)
PT1
PS
PS1
PT2
–
PX1
PT0
PX0
7
6
5
4
3
2
1
0
The interrupt vector locations and the
interrupt priorities are:
Source
Priority within Level
Vector
Address
0003H
IE0
Highest
002BH
TF2+EXF2
0053H
SI (I2C)
000BH
TF0
0013H
IE1
001BH
TF1
0023H
R1+T1
Lowest
Table 3.
Description of IE Bits
MNEMONIC
BIT
FUNCTION
EA
IE.7
General enable/disable control:
0 = NO interrupt is enabled.
1 = ANY individually enabled interrupt will be accepted.
ES1
IE.6
Enable bit-level I2C I/O interrupt
ET2
IE.5
Enable Timer 2 interrupt
ES
IE.4
Enable Serial Port interrupt
ET1
IE.3
Enable Timer 1 interrupt
EX1
IE.2
Enable External interrupt 1
ET0
IE.1
Enable Timer 0 interrupt
EX0
IE.0
Enable External interrupt 0
Table 4.
Description of IP Bits
MNEMONIC
BIT
FUNCTION
–
IP.7
Reserved.
PS1
IP.6
Bit-level I2C interrupt priority level
PT2
IP.5
Timer 2 interrupt priority level
PS
IP.4
Serial Port interrupt priority level
PT1
IP.3
Timer 1 interrupt priority level
PX1
IP.2
External Interrupt 1 priority level
PT0
IP.1
Timer 0 interrupt priority level
PX0
IP.0
External Interrupt 0 priority level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com