Electronic Components Datasheet Search
  English  ▼

X  

AD7693 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7693
Description  16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7693 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7693 Datasheet HTML 7Page - Analog Devices AD7693 Datasheet HTML 8Page - Analog Devices AD7693 Datasheet HTML 9Page - Analog Devices AD7693 Datasheet HTML 10Page - Analog Devices AD7693 Datasheet HTML 11Page - Analog Devices AD7693 Datasheet HTML 12Page - Analog Devices AD7693 Datasheet HTML 13Page - Analog Devices AD7693 Datasheet HTML 14Page - Analog Devices AD7693 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Preliminary Technical Data
AD7693
Rev. PrB | Page 11 of 24
1000
0
SUPPLY (V)
4.50
5.50
750
500
250
fS = 100kSPS
VDD
VIO
4.75
5.00
5.25
Figure 22. Offset and Gain Error vs. Temperature
Figure 19. Operating Currents vs. Supply
SDO CAPACITIVE LOAD (pF)
120
0
20406080
100
25
20
15
10
5
0
VDD = 5V, 85°C
VDD = 5V, 25°C
TEMPERATURE (
°C)
1000
750
500
250
0
–55
–35
–15
5
25
45
65
85
105
125
VDD + VIO
Figure 20. Power-Down Currents vs. Temperature
Figure 23. tDSDO Delay vs. Capacitance Load and Supply
1000
–6
SUPPLY (V)
–55
125
750
500
250
fS = 100kSPS
VDD
VIO
–35
–15
5
25456585
105
Figure 21. Operating Currents vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com