Electronic Components Datasheet Search
  English  ▼

X  

AD7693 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7693
Description  16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7693 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7693 Datasheet HTML 11Page - Analog Devices AD7693 Datasheet HTML 12Page - Analog Devices AD7693 Datasheet HTML 13Page - Analog Devices AD7693 Datasheet HTML 14Page - Analog Devices AD7693 Datasheet HTML 15Page - Analog Devices AD7693 Datasheet HTML 16Page - Analog Devices AD7693 Datasheet HTML 17Page - Analog Devices AD7693 Datasheet HTML 18Page - Analog Devices AD7693 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Preliminary Technical Data
AD7693
Rev. PrB | Page 15 of 24
If desired, smaller reference decoupling capacitor values down
to 2.2 μF can be used with a minimal impact on performance,
especially DNL.
SINGLE-TO-DIFFERENTIAL DRIVER
For applications using a single-ended analog signal, either
bipolar or unipolar, the ADA4941-1 single-ended-to-differential
driver allows for a differential input into the part. The
schematic is shown in
Regardless, there is no need for an additional lower value
ceramic decoupling capacitor (for example, 100 nF) between the
REF and GND pins.
Figure 29.
R1 and R2 set the attenuation ratio between the input range and
the ADC range (VREF). R1, R2, and CF will be chosen depending
on the desired input resistance, signal bandwidth, antialiasing
and noise contribution. For example, for the ±10 V range with a
4 kΩ impedance, R2 = 1 kΩ and R1 = 4 kΩ.
POWER SUPPLY
The AD7693 uses two power supply pins: a core supply, VDD,
and a digital input/output interface supply, VIO. VIO allows
direct interface with any logic between 1.8 V and VDD. To
reduce the supplies needed, the VIO and VDD pins can be tied
together. The AD7693 is independent of power supply sequencing
between VIO and VDD. Additionally, it is very insensitive to
power supply variations over a wide frequency range, as shown
in
R3 and R4 set the common mode on the IN− input, and R5 and
R6 set the common mode on the IN+ input of the ADC. The
common mode should be set close to VREF/2; however, if single
supply is desired, it can be set slightly above VREF/2 to provide
some headroom for the
Figure 30.
ADA4941-1
output stage. For example,
for the ±10 V range with a single supply, R3 = 8.45 kΩ, R4 =
11.8 kΩ, R5 = 10.5 kΩ, and R6 = 9.76 kΩ.
90
40
1
10000
FREQUENCY (kHz)
10
100
1000
85
80
75
70
65
60
55
50
45
VREF = VDD = 5V
AD7693
REF
GND
VDD
IN+
2.7nF
100nF
2.7nF
IN–
+5V REF
±10V, ±5V, ...
+5.2V
+5.2V
15
Ω
10µF
R2
CF
ADA4941
R1
R3
100nF
R5
R4
R6
15
Ω
Figure 30. PSRR vs. Frequency
The AD7693 powers down automatically at the end of each
conversion phase and, therefore, the power scales linearly with
the sampling rate. This makes the part ideal for low sampling
rate (even a few hertz) and low battery-powered applications.
Figure 29. Single-Ended-to-Differential Driver Circuit
VOLTAGE REFERENCE INPUT
The AD7693 voltage reference input, REF, has a dynamic input
impedance and should therefore be driven by a low impedance
source with efficient decoupling between the REF and GND
pins, as explained in the
1000
10
0.1
0.001
10
1M
SAMPLING RATE (SPS)
100
1k
100k
10k
VDD = 5V
VIO
10000
100
1
0.01
Layout section.
When REF is driven by a very low impedance source, for
example, a reference buffer using the AD8031 or the AD8605, a
10 μF (X5R, 0805 size) ceramic chip capacitor is appropriate for
optimum performance.
If an unbuffered reference voltage is used, the decoupling value
depends on the reference used. For instance, a 22 μF (X5R,
1206 size) ceramic chip capacitor is appropriate for optimum
performance using low temperature drift ADR43x and ADR44x
references.
Figure 31. Operating Currents vs. Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com