Electronic Components Datasheet Search
  English  ▼

X  

AD7693 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7693
Description  16-Bit, /-0.65 LSB INL, 500 kSPS PulSAR Differential ADC in MSOP/QFN
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7693 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7693 Datasheet HTML 12Page - Analog Devices AD7693 Datasheet HTML 13Page - Analog Devices AD7693 Datasheet HTML 14Page - Analog Devices AD7693 Datasheet HTML 15Page - Analog Devices AD7693 Datasheet HTML 16Page - Analog Devices AD7693 Datasheet HTML 17Page - Analog Devices AD7693 Datasheet HTML 18Page - Analog Devices AD7693 Datasheet HTML 19Page - Analog Devices AD7693 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
AD7693
Preliminary Technical Data
Rev. PrB | Page 16 of 24
SUPPLYING THE ADC FROM THE REFERENCE
ADSP-219x. In this mode, the AD7693 can use either a 3-wire
or 4-wire interface. A 3-wire interface using the CNV, SCK, and
SDO signals minimizes wiring connections useful, for instance,
in isolated applications. A 4-wire interface using the SDI, CNV,
SCK, and SDO signals allows CNV, which initiates the
conversions, to be independent of the readback timing (SDI).
This is useful in low jitter sampling or simultaneous sampling
applications.
For simplified applications, the AD7693, with its low operating
current, can be supplied directly using the reference circuit
shown in Figure 32. The reference line can be driven by
•
The system power supply directly.
•
A reference voltage with enough current output capability,
such as the ADR43x.
When in chain mode, the AD7693 provides a daisy-chain
feature using the SDI input for cascading multiple ADCs on a
single data line similar to a shift register.
•
A reference buffer, such as the AD8031, which can also
filter the system power supply, as shown in Figure 32.
AD8031
AD7693
VIO
REF
VDD
10µF
1µF
10
10k
5V
5V
5V
1µF
1
1OPTIONAL REFERENCE BUFFER AND FILTER.
The mode in which the part operates depends on the SDI level
when the CNV rising edge occurs. The CS mode is selected if
SDI is high, and the chain mode is selected if SDI is low. The
SDI hold time is such that when SDI and CNV are connected
together, the chain mode is selected.
In either mode, the AD7693 offers the option of forcing a start
bit in front of the data bits. This start bit can be used as a busy
signal indicator to interrupt the digital host and trigger the data
reading. Otherwise, without a busy indicator, the user must
timeout the maximum conversion time prior to readback.
Figure 32. Example of Application Circuit
DIGITAL INTERFACE
The busy indicator feature is enabled
Though the AD7693 has a reduced number of pins, it offers
flexibility in its serial interface modes.
•
In the CS mode if CNV or SDI is low when the ADC
conversion ends (see Figure 36 and Figure 40).
CS
When in
mode, the AD7693 is compatible with SPI, QSPI,
digital hosts, and DSPs, for example, Blackfin® ADSP-BF53x or
•
In the chain mode if SCK is high during the CNV rising
edge (see Figure 44).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com