Electronic Components Datasheet Search
  English  ▼

X  

DA16600MOD Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA16600MOD
Description  Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16600MOD Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA16600MOD Datasheet HTML 9Page - Renesas Technology Corp DA16600MOD Datasheet HTML 10Page - Renesas Technology Corp DA16600MOD Datasheet HTML 11Page - Renesas Technology Corp DA16600MOD Datasheet HTML 12Page - Renesas Technology Corp DA16600MOD Datasheet HTML 13Page - Renesas Technology Corp DA16600MOD Datasheet HTML 14Page - Renesas Technology Corp DA16600MOD Datasheet HTML 15Page - Renesas Technology Corp DA16600MOD Datasheet HTML 16Page - Renesas Technology Corp DA16600MOD Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
DA16600MOD Series
Ultra-Low Power Wi-Fi + Bluetooth® LE
Combo Module
Datasheet
Revision 3.2
04-Jan-2023
CFR0011-120-00
13 of 28
© 2023 Renesas Electronics
4.3.2
DC Parameters, 3.3 V IO
Table 6: DC Parameters, 3.3 V IO
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIL
Input Low Voltage
Guaranteed logic Low
level
Note 2
VSS
0.8
V
VIH
Input High Voltage
Guaranteed logic High
level
2.0
DVDD
V
VOL
Output Low Voltage
DVDD=Min.
VSS
0.4
V
VOH
Output High Voltage
DVDD=Min.
2.4
DVDD
V
RPU
Pull-up Resistor
VPAD=VIH, DIO=Min.
19.4
kΩ
RPD
Pull-down Resistor
VPAD=VIL, DIO=Min.
16.0
Note 2
DVDD= 3.3 V, VDD_DIO1, VDD_DIO2 Logic Level.
4.3.3
DC Parameters for RTC Block
There are several control pins in RTC block.
Table 7: DC Parameters for RTC block, 3.3 V VBAT
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIL
Input Low Voltage
Guaranteed logic Low
level
VSS
0.6
V
VIH
Input High Voltage
Guaranteed logic High
level
2.2
VBAT
V
(RTC block: RTC_PWR_KEY, RTC_WAKE_UP2)
Table 8: DC Parameters for RTC block, 2.1 V VBAT
Symbol
Parameter
Condition
Min
Typ
Max
Units
VIL
Input Low Voltage
Guaranteed logic Low
level
VSS
0.3
V
VIH
Input High Voltage
Guaranteed logic High
level
1.6
VBAT
V
(RTC block: RTC_PWR_KEY, RTC_WAKE_UP2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com