Electronic Components Datasheet Search
  English  ▼

X  

DA16600MOD Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # DA16600MOD
Description  Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16600MOD Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button DA16600MOD Datasheet HTML 10Page - Renesas Technology Corp DA16600MOD Datasheet HTML 11Page - Renesas Technology Corp DA16600MOD Datasheet HTML 12Page - Renesas Technology Corp DA16600MOD Datasheet HTML 13Page - Renesas Technology Corp DA16600MOD Datasheet HTML 14Page - Renesas Technology Corp DA16600MOD Datasheet HTML 15Page - Renesas Technology Corp DA16600MOD Datasheet HTML 16Page - Renesas Technology Corp DA16600MOD Datasheet HTML 17Page - Renesas Technology Corp DA16600MOD Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
DA16600MOD Series
Ultra-Low Power Wi-Fi + Bluetooth® LE
Combo Module
Datasheet
Revision 3.2
04-Jan-2023
CFR0011-120-00
14 of 28
© 2023 Renesas Electronics
4.4
Radio Characteristics
4.4.1
Wi-Fi Characteristics
● TA = +25 °C, VBAT = 3.3 V, CH1 (2412 MHz)
Table 9: Wi-Fi Receiver Characteristics
Parameter
Condition
Min
Typ
Max
Units
Sensitivity
(8% PER for 11b rates, 10%
PER for 11g/11n rates)
1 Mbps DSSS
-98.5
-97.5
-95.5
dBm
2 Mbps DSSS
-94
-93
-91
11 Mbps CCK
-89
-88
-86
6 Mbps OFDM
-90
-89
-87
9 Mbps OFDM
-90
-89
-87
18 Mbps OFDM
-88
-87
-85
36 Mbps OFDM
-81
-80
-78
54 Mbps OFDM
-75
-74
-72
MCS0(GF)
-90
-89
-87
MCS7(GF)
-72
-71
-69
Maximum input level
(8% PER for 11b rates, 10%
PER for 11g/11n rates)
802.11b
-4
0
0
802.11g
-10
-4
-3
Table 10: Wi-Fi Transmitter Characteristics
Parameter
Condition
Min
Typ
Max
Units
Maximum Output Power
measured form IEEE
spectral mask and EVM
1 Mbps DSSS
15
18
19
dBm
2 Mbps DSSS
15
18
19
5.5 Mbps CCK
15
18
19
11 Mbps CCK
15
18
19
6 Mbps OFDM
14
17
18
9 Mbps OFDM
14
17
18
12 Mbps OFDM
14
17
18
18 Mbps OFDM
14
17
18
24 Mbps OFDM
13
16
17
36 Mbps OFDM
13
16
17
48 Mbps OFDM
11.5
14.5
15.5
54 Mbps OFDM
10.5
13.5
14.5
MCS0 OFDM
14
17
18
MCS7 OFDM
10.5
13.5
14.5
Transmit center frequency
accuracy
-25
+25
ppm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com