Electronic Components Datasheet Search
  English  ▼

X  

DA16600MOD Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # DA16600MOD
Description  Ultra-Low Power Wi-Fi Bluetooth® LE Combo Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA16600MOD Datasheet(HTML) 2 Page - Renesas Technology Corp

  DA16600MOD Datasheet HTML 1Page - Renesas Technology Corp DA16600MOD Datasheet HTML 2Page - Renesas Technology Corp DA16600MOD Datasheet HTML 3Page - Renesas Technology Corp DA16600MOD Datasheet HTML 4Page - Renesas Technology Corp DA16600MOD Datasheet HTML 5Page - Renesas Technology Corp DA16600MOD Datasheet HTML 6Page - Renesas Technology Corp DA16600MOD Datasheet HTML 7Page - Renesas Technology Corp DA16600MOD Datasheet HTML 8Page - Renesas Technology Corp DA16600MOD Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DA16600MOD Series
Ultra-Low Power Wi-Fi + Bluetooth® LE
Combo Module
Datasheet
Revision 3.2
04-Jan-2023
CFR0011-120-00
2 of 28
© 2023 Renesas Electronics
■ Complete software stack
□ Comprehensive networking software stack
□ Provides TCP/IP stack in the form of
network socket APIs
■ CPU core subsystem
□ Arm® Cortex®-M4F core with clock
frequency of 30~160 MHz
□ ROM: 256 KB, SRAM: 512 KB, OTP: 8
KB, Retention Memory: 48 KB
■ Advanced security
□ Secure booting
□ Secure debugging using JTAG/SWD and
UART ports
□ Secure asset storage
■ Built-in hardware crypto engines for advanced
security
□ TLS/DTLS security protocol functions
□ Crypto engine for key deliberate generic
security functions: AES (128,192,256),
DES/3DES, SHA1/224/256, RSA, DH,
ECC, CHACHA, and TRNG
■ Supports various interfaces
□ Two UARTs
□ SPI Master/Slave interface
□ I2C Master/Slave interface
□ I2S for digital audio streaming
□ 4-channel PWM
□ Individually programmable, multiplexed
GPIO pins
□ JTAG and SWD
■ Built-in 2-channel auxiliary ADC for sensor
interfaces
□ 12-bit SAR ADC: single-ended two
channels
■ Supply
□ Operating voltage: 2.1 V to 3.6 V (typical:
3.3 V)
□ 2 Digital I/O Supply Voltage: 1.8 V / 3.3 V
□ Black-out and brown-out detector
■ Power management unit
□ On-Chip RTC
□ Wake-up control of fast booting or full
booting with minimal initialization time
□ Supports three ultra-low power sleep
modes
Bluetooth Features
■ Bluetooth
□ Compatible with Bluetooth® v5.1,
ETSI EN 300 328 and EN 300 440 Class 2
(Europe), FCC CFR47 Part 15 (US) and
ARIB STD-T66 (Japan) core
□ Supports up to 3 connections
■ Processing and memories
□ 16 MHz 32-bit Arm®Cortex-M0+ with SWD
interface
□ 48 Kbytes RAM
□ 144 Kbytes ROM
□ 32 Kbytes OTP
■ Current Consumption
□ 2 mA RX at VBAT = 3V
□ 4 mA TX at VBAT = 3 V and 0 dBm
□ 1.8 uA at sleep with all RAM retained
■ Radio
□ Programmable RF transmit power
□ -93 dBm receiver sensitivity
■ Interfaces
□ 2 channel 11-bit ENOB ADC
□ 2 general purpose timers with PWM
□ 5 GPIOs
□ SPI
□ 2x UART, 1-wire UART support
□ I2C
■ Power management
□ Operating range (1.8 V - 3.3 V)
□ Inrush current control
■ Other
□ Real Time Clock
□ Trimmed 32 MHz Crystal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com