Electronic Components Datasheet Search
  English  ▼

X  

EL1503 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # EL1503
Description  High Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1503 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button EL1503 Datasheet HTML 7Page - Renesas Technology Corp EL1503 Datasheet HTML 8Page - Renesas Technology Corp EL1503 Datasheet HTML 9Page - Renesas Technology Corp EL1503 Datasheet HTML 10Page - Renesas Technology Corp EL1503 Datasheet HTML 11Page - Renesas Technology Corp EL1503 Datasheet HTML 12Page - Renesas Technology Corp EL1503 Datasheet HTML 13Page - Renesas Technology Corp EL1503 Datasheet HTML 14Page - Renesas Technology Corp EL1503 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
EL1503
FN7038 Rev 0.00
Page 11 of 16
July 17, 2001
FIGURE 37. POWER DISSIPATION vs AMBIENT
TEMPERATURE for VARIOUS MOUNTED
JAs
FIGURE 38. POWER DISSIPATION vs AMBIENT
TEMPERATURE
FIGURE 39. POWER DISSIPATION vs AMBIENT TEMPERATURE
Typical Performance Curves (Continued)
0100
0.5
AMBIENT TEMPERATURE (°C)
0
40
4.5
-40
20
-20
60
80
3.5
3.0
2.5
2.0
1.5
1.0
4.0
JA = 30°C/W
JA = 43°C/W
JA = 53°C/W
JA = 80°C/W
150
025
50
75
100
125
AMBIENT TEMPERATURE (°C)
3.0
0
0.5
1.0
1.5
2.0
2.5
85
2.703W
24-PIN LPP POWER DISSIPATION & THERMAL
RESISTANCE. USING JEDEC JESD51-7 HIGH
EFFECTIVE THERMAL CONDUCTIVITY (4-LAYER)
TEST BOARD, LPP EXPOSED DIEPAD SOLDERED TO
PCB PER JESD51-5
100
-40
-20
020
40
60
AMBIENT TEMPERATURE (°C)
4
0
1
2
2.5
3
3.5
0.5
1.5
80
47°C/W
16-PIN SO POWER DISSIPATION & THERMAL
RESISTANCE. USING ELANTEC EL1503CS
DEMOBOARD, 2”X2” (4-LAYER) DEMOBOARD WITH
HEATSINK VIA INTERNAL GROUND PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com