Electronic Components Datasheet Search
  English  ▼

X  

EL1503 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # EL1503
Description  High Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1503 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button EL1503 Datasheet HTML 8Page - Renesas Technology Corp EL1503 Datasheet HTML 9Page - Renesas Technology Corp EL1503 Datasheet HTML 10Page - Renesas Technology Corp EL1503 Datasheet HTML 11Page - Renesas Technology Corp EL1503 Datasheet HTML 12Page - Renesas Technology Corp EL1503 Datasheet HTML 13Page - Renesas Technology Corp EL1503 Datasheet HTML 14Page - Renesas Technology Corp EL1503 Datasheet HTML 15Page - Renesas Technology Corp EL1503 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
EL1503
FN7038 Rev 0.00
Page 15 of 16
July 17, 2001
Then, the
JA requirement needs to be calculated. This is done
using the equation:
where:
TJUNCT is the maximum die temperature (150°C)
TAMB is the maximum ambient temperature
PDISS is the dissipation calculated above
JA is the junction to ambient thermal resistance for the
package when mounted on the PCB
This
JA value is then used to calculate the area of copper
needed on the board to dissipate the power. The graph below
show various
JA for the SO20 mounted on different copper foil
areas.
A separate application note details the 24-pin LPP PCB design
considerations.
Single Supply Operation
The EL1503 can also be powered from a single supply voltage.
When operating in this mode, the GND pins can still be
connected directly to GND. To calculate power dissipation, the
equations in the previous section should be used, with VS
equal to half the supply rail.
EL1503 PCB Design
A separate application note details the 24-pin LPP PCB design
considerations. The SO power packages (16 and 20 leads) are
designed so that heat may be conducted away from the device
in an efficient manner. To disperse this heat, the center leads
(4 per side for the 20 lead and 2 per side for the 16 lead) are
internally connected to the mounting platform of the die. Heat
flows through the leads into the circuit board copper, then
spreads and convects to air. Thus, the ground plane on the
component side of the board becomes the heatsink. This has
proven to be a very effective technique, but several aspects of
board layout should be noted. First, the heat should not be
shunted to internal copper layers of the board nor backside foil,
since the feedthroughs and fiberglass of the board are not very
thermally conductive. To obtain the best thermal resistance of
the mounted part,
JA, the topside copper ground plane should
have as much area as possible and be as thick as practical. If
possible, the solder mask should be cut away from the EL1503
to improve thermal resistance. Finally, metal heatsinks can be
placed against the board close to the part to draw heat toward
the chassis.
Output Loading
While the drive amplifiers can output in excess of 500mA
transiently, the internal metallization is not designed to carry
more than 100mA of steady DC current and there is no
current-limit mechanism. This allows safely driving rms
sinusoidal currents of 2 x 100mA, or 200mA. This current is
more than that required to drive line impedances to large
output levels, but output short circuits cannot be tolerated. The
series output resistor will usually limit currents to safe values in
the event of line shorts. Driving lines with no series resistor is a
serious hazard.
The amplifiers are sensitive to capacitive loading. More than
25pF will cause peaking of the frequency response. The same
is true of badly terminated lines connected without a series
matching resistor.
Power Supplies
The power supplies should be well bypassed close to the
EL1503. A 3.3µF tantalum capacitor for each supply works
well. Since the load currents are differential, they should not
travel through the board copper and set up ground loops that
can return to amplifier inputs. Due to the class AB output stage
design, these currents have heavy harmonic content. If the
ground terminal of the positive and negative bypass capacitors
are connected to each other directly and then returned to
circuit ground, no such ground loops will occur. This scheme is
employed in the layout of the EL1503 demonstration board,
and documentation can be obtained from the factory.
Feedback Resistor Value
The bandwidth and peaking of the amplifiers varies with supply
voltage somewhat and with gain settings. The feedback
resistor values can be adjusted to produce an optimal
frequency response. Here is a series of resistor values that
produce an optimal driver frequency. The bandwidth and
peaking of the amplifiers varies with supply voltage somewhat
and with gain settings. The feedback resistor values can be
adjusted to produce an optimal frequency response. Here is a
series of resistor values that produce an optimal driver
JA
TJUNCT TAMB
–

PDISS
-------------------------------------------------
=
THERMAL RESISTANCE of 20-Pin SO (0.300")
EL1503 vs BOARD COPPER AREA
012
9
10
678
345
55
50
45
40
35
30
FIGURE 42. AREA OF CIRCUIT BOARD HEAT SINK (IN2)
Note: 2oz. COPPER USED
TOP FOIL ONLY-WITH SOLDER MASK
TOP FOIL-WITH 0.45IN2 BOTTOM
FOIL WITH MANY FEEDTHROUGHS
TOP FOIL ONLY-NO SOLDER MASK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com