Electronic Components Datasheet Search
  English  ▼

X  

EL1503 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # EL1503
Description  High Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1503 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button EL1503 Datasheet HTML 8Page - Renesas Technology Corp EL1503 Datasheet HTML 9Page - Renesas Technology Corp EL1503 Datasheet HTML 10Page - Renesas Technology Corp EL1503 Datasheet HTML 11Page - Renesas Technology Corp EL1503 Datasheet HTML 12Page - Renesas Technology Corp EL1503 Datasheet HTML 13Page - Renesas Technology Corp EL1503 Datasheet HTML 14Page - Renesas Technology Corp EL1503 Datasheet HTML 15Page - Renesas Technology Corp EL1503 Datasheet HTML 16Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
EL1503
FN7038 Rev 0.00
Page 13 of 16
July 17, 2001
Pin Descriptions
16-PIN SO
(0.150”)
20-PIN SO
(0.300")
24-PIN
LPP
PIN NAME
FUNCTION
CIRCUIT
11
23
VIN-A
Channel A Inverting Input
CIRCUIT 1
22
24
VOUTA
Channel A Output
(Reference Circuit 1)
33
3
VS-
Negative Supply
4, 5
4, 5, 6, 7
7
GND
Ground Connection
68
8
VIN+A
Channel A Non-Inverting Input
CIRCUIT 2
79
9
C1
Current Control Bit 1
CIRCUIT 3
810
10
C0
Current Control Bit 0
(Reference Circuit 3)
9
11
1, 2, 4, 5, 6,
14, 15, 16,
18, 19, 22
NC
Not Connected
10
12
11
IADJ
Supply Current Control Pin
CIRCUIT 4
11
13
12
VIN+B
Channel B Non-Inverting Input
(Reference Circuit 2)
12, 13
14, 15, 16,
17
13
GND
Ground Connection
14
18
17
VS+
Positive Supply
15
19
20
VOUTB
Channel B Output
(Reference Circuit 1)
16
20
21
VIN-B
Channel B Inverting Input
(Reference Circuit 1)
VS+
VS-
VS+
6.7V
VS+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com