Electronic Components Datasheet Search
  English  ▼

X  

EL1507CSZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # EL1507CSZ
Description  Medium Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1507CSZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  EL1507CSZ Datasheet HTML 1Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 2Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 3Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 4Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 5Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 6Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 7Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 8Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
EL1507
FN7013 Rev 3.00
Page 5 of 16
March 26, 2007
FIGURE 5. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CS - 1/2 POWER MODE)
FIGURE 6. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CS - 1/2 POWER MODE)
FIGURE 7. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CL - FULL POWER MODE)
FIGURE 8. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CL - FULL POWER MODE)
FIGURE 9. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CL - 3/4 POWER MODE)
FIGURE 10. DIFFERENTIAL FREQUENCY RESPONSE vs RF
(EL1507CL - 3/4 POWER MODE)
Typical Performance Curves
28
24
20
16
12
8
100K
1M
10M
100M
FREQUENCY (Hz)
2k
1k
1.5k
VS=±12V
AV=10
RL=100
22
18
14
10
6
2
100K
1M
10M
100M
FREQUENCY (Hz)
2k
1k
1.5k
VS=±12V
AV=5
RL=100
28
24
20
16
12
8
100K
1M
10M
100M
FREQUENCY (Hz)
VS=±12V
AV=10
RL=100
2k
1k
1.5k
22
18
14
10
6
2
100K
1M
10M
100M
FREQUENCY (Hz)
VS=±12V
AV=5
RL=100
2k
1k
1.5k
2k
1k
1.5k
28
24
20
16
12
8
100K
1M
10M
100M
FREQUENCY (Hz)
VS=±12V
AV=10
RL=100
22
18
14
10
6
2
100K
1M
10M
100M
FREQUENCY (Hz)
VS=±12V
AV=5
RL=100
2k
1k
1.5k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com