Electronic Components Datasheet Search
  English  ▼

X  

EL1507CSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL1507CSZ
Description  Medium Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1507CSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL1507CSZ Datasheet HTML 1Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 2Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 3Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 4Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 5Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 6Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 7Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 8Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN7013 Rev 3.00
Page 1 of 16
March 26, 2007
FN7013
Rev 3.00
March 26, 2007
EL1507
Medium Power Differential Line Driver
DATASHEET
The EL1507 is a very low power dual operational amplifier
designed for central office and customer premise line driving
for DMT ADSL solutions. This device features a high drive
capability of 400mA while consuming only 7.5mA of supply
current per amplifier from ±12V supplies. This driver
achieves a typical distortion of less than -75dBc, at 1MHz
into a 50
 load. The EL1507 is available in the thermally-
enhanced 16 Ld SO package, as well as a 16 Ld QFN
package. Both are specified for operation over the full
-40°C to +85°C temperature range.
The EL1507 has two control pins, C0 and C1. With the
selection of C0 and C1, the device can be set into full-IS
power, ¾-IS power, ½-IS power, and power down disable
modes. The EL1507 maintains excellent distortion and load
driving capabilities even in the lowest power settings.
Features
• Drives 360mA at 16VP-P on ±12V supplies
•40VP-P differential output drive into 100
• -75dBc typical driver output distortion driving 50
 at 1MHz
and 1/2-IS bias current
• Low quiescent current of 3.5mA per amplifier in 1/2-IS
mode
• Power down disable mode
• Pb-free plus anneal available (RoHS compliant)
Applications
• ADSL G.DMT and G.lite CO line driving
• G.SHDSL, HDSL2 line driver
• ADSL CPE line driving
• Video distribution amplifier
• Video twisted-pair line driver
Ordering Information
PART NUMBER
PART
MARKING
TAPE &
REEL
PACKAGE
PKG.
DWG. #
EL1507CS
EL1507CS
-
16 Ld SOIC MDP0027
EL1507CS-T7
EL1507CS
7”
16 Ld SOIC MDP0027
EL1507CS-T13
EL1507CS
13”
16 Ld SOIC MDP0027
EL1507CSZ
(See Note)
EL1507CSZ
-
16 Ld SOIC
(Pb-Free)
MDP0027
EL1507CSZ-T7
(See Note)
EL1507CSZ
7”
16 Ld SOIC
(Pb-Free)
MDP0027
EL1507CSZ-T13
(See Note)
EL1507CSZ
13”
16 Ld SOIC
(Pb-Free)
MDP0027
EL1507CL
1507CL
-
16 Ld QFN
MDP0046
EL1507CL-T7
1507CL
7”
16 Ld QFN
MDP0046
EL1507CL-T13
1507CL
13”
16 Ld QFN
MDP0046
EL1507CLZ
(See Note)
1507CLZ
-
16 Ld QFN
(Pb-Free)
MDP0046
EL1507CLZ-T7
(See Note)
1507CLZ
7”
16 Ld QFN
(Pb-Free)
MDP0046
EL1507CL-T13
(See Note)
1507CLZ
13”
16 Ld QFN
(Pb-Free)
MDP0046
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.


Similar Part No. - EL1507CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL1507CSZ INTERSIL-EL1507CSZ Datasheet
75Kb / 2P
Medium Power Differential Line Driver
February 9, 2005
EL1507CSZ INTERSIL-EL1507CSZ Datasheet
410Kb / 16P
Medium Power Differential Line Driver
March 26, 2007
EL1507CSZ-T13 INTERSIL-EL1507CSZ-T13 Datasheet
75Kb / 2P
Medium Power Differential Line Driver
February 9, 2005
EL1507CSZ-T13 INTERSIL-EL1507CSZ-T13 Datasheet
410Kb / 16P
Medium Power Differential Line Driver
March 26, 2007
EL1507CSZ-T7 INTERSIL-EL1507CSZ-T7 Datasheet
75Kb / 2P
Medium Power Differential Line Driver
February 9, 2005
More results

Similar Description - EL1507CSZ

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL1507C ELANTEC-EL1507C Datasheet
151Kb / 2P
Medium Power Differential Line Driver
EL1509C ELANTEC-EL1509C Datasheet
149Kb / 2P
Medium Power Differential Line Driver
logo
Intersil Corporation
EL1519 INTERSIL-EL1519 Datasheet
98Kb / 2P
Medium Power Differential Line Driver
July 26, 2004
EL1509 INTERSIL-EL1509 Datasheet
59Kb / 2P
Medium Power Differential Line Driver
June 24, 2004
EL1511 INTERSIL-EL1511 Datasheet
73Kb / 2P
Medium Power Differential Line Driver
February 10, 2005
EL1507 INTERSIL-EL1507_07 Datasheet
410Kb / 16P
Medium Power Differential Line Driver
March 26, 2007
EL1511 INTERSIL-EL1511_07 Datasheet
442Kb / 18P
Medium Power Differential Line Driver
EL1506 INTERSIL-EL1506_05 Datasheet
47Kb / 2P
Medium Power Differential Line Driver
April 18, 2005
EL1510 INTERSIL-EL1510 Datasheet
227Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
logo
Renesas Technology Corp
EL1509 RENESAS-EL1509 Datasheet
525Kb / 10P
Medium Power Differential Line Driver
March 26, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com