Electronic Components Datasheet Search
  English  ▼

X  

EL1507CSZ Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # EL1507CSZ
Description  Medium Power Differential Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL1507CSZ Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button EL1507CSZ Datasheet HTML 5Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 6Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 7Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 8Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 9Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 10Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 11Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 12Page - Renesas Technology Corp EL1507CSZ Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
EL1507
FN7013 Rev 3.00
Page 9 of 16
March 26, 2007
FIGURE 29. DIFFERENTIAL HARMONIC DISTORTION vs
DIFFERENTIAL OUTPUT AMPLITUDE
(FULL POWER MODE)
FIGURE 30. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs DIFFERENTIAL OUTPUT AMPLITUDE
(EL1507CS)
FIGURE 31. DIFFERENTIAL TOTAL HARMONIC DISTORTION
vs DIFFERENTIAL OUTPUT AMPLITUDE
(EL1507CL)
FIGURE 32. OUTPUT IMPEDANCE vs FREQUENCY
(ALL POWER LEVELS)
FIGURE 33. CHANNEL SEPARATION vs FREQUENCY
(ALL POWER LEVELS)
FIGURE 34. PSRR vs FREQUENCY
Typical Performance Curves
-45
-55
-90
24
8
12
16
20
VOP-P (V)
-65
-75
-85
-50
-60
-70
-80
6
101418
VS=±6V
AV=5
RL=100
RF=1.5k
f=1MHz
HD2
HD2
HD3
HD3
EL1507CL
EL1507CS
-45
-50
-80
24
8
12
16
20
VOP-P (V)
-60
-70
-75
-55
-65
6
101418
VS=±6V
AV=5
RL=100
RF=1.5k
f=1MHz
FULL POWER
1/2 POWER
3/4 POWER
-45
-50
-60
-70
-75
-80
218
20
VOP-P (V)
610
14
4
8
12
16
-55
-65
VS=±6V
AV=5
RL=100
RF=1.5k
f=1MHz
FULL POWER
1/2 POWER
3/4 POWER
100
0.001
10K
100K
1M
100M
FREQUENCY (Hz)
0.1
0.01
10
1
10M
VS=±12V
AV=1
RF=1.5k
-10
10K
100K
1M
10M
100M
FREQUENCY (Hz)
-30
-50
-90
-70
-110
B
 A
A
 B
20
0
-80
10K
100M
FREQUENCY (Hz)
-40
-20
100K
1M
-60
PSRR-
PSRR+
10M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com