Electronic Components Datasheet Search
  English  ▼

X  

PS1102HA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PS1102HA
Description  Surface Mount Phototransistor/2125 Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS1102HA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PS1102HA Datasheet HTML 1Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 2Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 3Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 4Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 5Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 6Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 7Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 8Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Page 3
2004.11.17
Photo Current Rank
(Ta=25℃)
※Please contact our sales staff concerning rank designation.
MIN.
MAX .
A0.4
0.8
B0.7
1.4
C1.2
2.4
D2.1
4.2
E3.6
7.2
Ic(mA)
VCE = 5V
Ee = 5mW/cm
2
Condition
Rank
PS1102HA
Surface Mount Phototransistor/2125 Type



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com