Electronic Components Datasheet Search
  English  ▼

X  

PS1102HA Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PS1102HA
Description  Surface Mount Phototransistor/2125 Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS1102HA Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PS1102HA Datasheet HTML 2Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 3Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 4Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 5Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 6Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 7Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 8Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 9Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Page 8
Reflow Soldering Conditions
Manual Soldering Conditions
Iron tip temp.
Soldering time and frequency
3 s
1 time
350 ℃
(MAX.)
(MAX.)
(MAX.) (30 W Max.)
PS1102HA
Surface Mount Phototransistor/2125 Type
2005.1.7
1) The above profile temperature gives the maximum temperature of the device resin surface.
Please set the temperature so as to avoid exceeding this range.
2) Total times of reflow soldering process shall be no more than 2 times.
When the second reflow soldering process is performed, intervals between the first
and second reflow should be short as possible (while allowing some time for the
component to return to normal temperature after the first reflow) in order to prevent the
device from absorbing moisture.
3) Temperature fluctuation to the device during the pre-heating process shall be minimized.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com