Electronic Components Datasheet Search
  English  ▼

X  

PS1102HA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS1102HA
Description  Surface Mount Phototransistor/2125 Type
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS1102HA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS1102HA Datasheet HTML 1Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 2Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 3Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 4Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 5Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 6Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 7Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 8Page - List of Unclassifed Manufacturers PS1102HA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1
2004.11.17
PS1102HA
Surface Mount Phototransistor/2125 Type
Recommended Applications
Car Audio, Electric Household Appliances, OA/FA, PC/Peripheral Equipment, Other General Applications
・Outer Dimension 2.0 x 1.25 x 0.8mm ( L x W x H )
・ Small Size
・Photo Current : 2mA TYP. (V
CE=5V,Ee=5mW/cm
2)
・Wide Distribution
・No lead package
・Lead–free soldering compatible
Peak Sensitivity Wavelength
880nm
Product features
Die materials
Si
θx = 130 deg., θy = 135 deg.
Features
Package
2125 Type, Water clear epoxy
Half Intensity Angle
Rank grouping parameter
Soldering methods
ESD
Reflow soldering, and manual soldering
※Please refer to Soldering Conditions about soldering.
2kV (HBM)
Sorted by photo current per rank taping
Assembly method
Auto pick & place machine (Auto Mounter)
Taping and reel
4,000pcs per reel in a 8mm width tape. (Standard)
Reel diameter:φ180mm


Similar Part No. - PS1102HA

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PS1102HA STANLEY-PS1102HA Datasheet
192Kb / 10P
Wide Distribution
More results

Similar Description - PS1102HA

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM-075PT ROHM-RPM-075PT Datasheet
70Kb / 2P
Phototransistor, surface mount type
logo
STANLEY ELECTRIC CO.,LT...
PS1101WA STANLEY-PS1101WA Datasheet
184Kb / 10P
Surface Mount Phototransistor/Flat Lenz Type
PS1191RB STANLEY-PS1191RB Datasheet
183Kb / 10P
Surface Mount Phototransistor/Reverse Mount Type
PS1102FA STANLEY-PS1102FA Datasheet
186Kb / 10P
Surface Mount Phototransistor/Right Angle Type
PS1105WA STANLEY-PS1105WA Datasheet
246Kb / 10P
Surface Mount Phototransistor/Dome Lenz Type
logo
Sharp Corporation
PT100MC0MP SHARP-PT100MC0MP Datasheet
782Kb / 11P
Surface Mount Type, Transparent Resin Phototransistor
PT100MF0MP SHARP-PT100MF0MP Datasheet
822Kb / 11P
Surface Mount Type, Opaque Resin Phototransistor
logo
Rohm
RPM-075PTT86 ROHM-RPM-075PTT86 Datasheet
70Kb / 2P
Phototransistor, surface mount type
logo
STANLEY ELECTRIC CO.,LT...
AY1112H-TR STANLEY-AY1112H-TR Datasheet
431Kb / 21P
Single Color 2125 Type
PS1192FB STANLEY-PS1192FB Datasheet
189Kb / 10P
Surface Mount Phototransistor/Right Angle Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com