Electronic Components Datasheet Search
  English  ▼

X  

SN250 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 1 Page - STMicroelectronics

  SN250 Datasheet HTML 1Page - STMicroelectronics SN250 Datasheet HTML 2Page - STMicroelectronics SN250 Datasheet HTML 3Page - STMicroelectronics SN250 Datasheet HTML 4Page - STMicroelectronics SN250 Datasheet HTML 5Page - STMicroelectronics SN250 Datasheet HTML 6Page - STMicroelectronics SN250 Datasheet HTML 7Page - STMicroelectronics SN250 Datasheet HTML 8Page - STMicroelectronics SN250 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
October 2006
Rev 2.0
1/130
1
SN250
Single-chip ZigBeeTM/802.15.4 solution
Features
Integrated 2.4GHz, IEEE 802.15.4-compliant
transceiver:
– Robust RX filtering allows co-existence
with IEEE 802.11g and Bluetooth devices
− 97dBm RX sensitivity (1% PER, 20byte
packet)
– + 3dBm nominal output power
– Increased radio performance mode (boost
mode) gives
− 98dBm sensitivity and +
5dBm transmit power
– Integrated VCO and loop filter
Integrated IEEE 802.15.4 PHY and lower MAC
with DMA
Integrated hardware support for Packet Trace
Interface for InSight Development Environment
Provides integrated RC oscillator for low power
operation
Supports optional 32.768kHz crystal oscillator
for higher accuracy needs
16-bit XAP2b microprocessor
Integrated memory:
– 128KB of Flash
– 5KB of SRAM
Configurable memory protection scheme
Two sleep modes:
– Processor idle
– Deep sleep—1.0
μA (1.5μA with optional
32.768kHz oscillator enabled)
Seventeen GPIO pins with alternate functions
Two Serial Controllers with DMA
–SC1: I2C master, SPI master, UART
–SC2: I2C master, SPI master/slave
Two 16-bit general-purpose timers; one 16-bit
sleep timer
Watchdog timer and power-on-reset circuitry
Non-intrusive debug interface (SIF)
Integrated AES encryption accelerator
Integrated ADC module first-order, sigma-delta
converter with 12-bit resolution
Integrated 1.8V voltage regulator
www.st.com


Similar Part No. - SN250

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SN250-180 LEIDITECH-SN250-180 Datasheet
293Kb / 1P
Chip devices Lead-free and compliant with the European Union RoHS Directive 2011/65/EU
More results

Similar Description - SN250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
logo
ATMEL Corporation
AT86RF230 ATMEL-AT86RF230 Datasheet
423Kb / 50P
ZigBee/IEEE 802.15.4-Transceiver
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2531F128 TI-CC2531F128_12 Datasheet
743Kb / 35P
A USB-Enabled System-On-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com