Electronic Components Datasheet Search
  English  ▼

X  

SN250 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SN250
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SN250 Datasheet HTML 6Page - STMicroelectronics SN250 Datasheet HTML 7Page - STMicroelectronics SN250 Datasheet HTML 8Page - STMicroelectronics SN250 Datasheet HTML 9Page - STMicroelectronics SN250 Datasheet HTML 10Page - STMicroelectronics SN250 Datasheet HTML 11Page - STMicroelectronics SN250 Datasheet HTML 12Page - STMicroelectronics SN250 Datasheet HTML 13Page - STMicroelectronics SN250 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 130 page
background image
Pin assignment
SN250
10/130
32
GPIO9
I/O
Digital I/O
(enable GPIO9 with GPIO_CFG[7:4])
TXD
O
UART transmit data of Serial Controller SC1
(enable SC1-4A or SC1-2 with GPIO_CFG[7:4], select UART with
SC1_MODE
)
MO
O
SPI master data out of Serial Controller SC1
(enable SC1-3M with GPIO_CFG[7:4], select SPI with SC1_MODE, enable
master with SC1_SPICFG[4])
MSDA
I/O
I2C data of Serial Controller SC1
(enable SC1-2 with GPIO_CFG[7:4], select I2C with SC1_MODE)
TMR1IA.2
I
Capture Input A of Timer 1
(enable CAP1-1 or CAP1-1h with GPIO_CFG[7:4])
33
GPIO10
I/O
Digital I/O
(enable GPIO10 with GPIO_CFG[7:4])
RXD
I
UART receive data of Serial Controller SC1
(enable SC1-4A or SC1-2 with GPIO_CFG[7:4], select UART with
SC1_MODE
)
MI
I
SPI master data in of Serial Controller SC1
(enable SC1-3M with GPIO_CFG[7:4], select SPI with SC1_MODE, enable
master with SC1_SPICFG[4])
MSCL
I/O
I2C clock of Serial Controller SC1
(enable SC1-2 with GPIO_CFG[7:4], select I2C with SC1_MODE)
TMR1IB.2
I
Capture Input B of Timer 2
(enable CAP1-1 with GPIO_CFG[7:4])
34
SIF_CLK
I
Serial interface, clock (internal pull-down)
35
SIF_MISO
O
Serial interface, master in/slave out
36
SIF_MOSI
I
Serial interface, master out/slave in
37
nSIF_LOADB
I/O
Serial interface, load strobe (open-collector with internal pull-up)
38
GND
Power
Ground supply
39
VDD_FLASH
Power
1.8V Flash memory supply
40
GPIO16
I/O
Digital I/O
(enable GPIO16 with GPIO_CFG[3])
TMR1OB
O
Waveform Output B of Timer 1
(enable TMR1OB with GPIO_CFG[3])
TMR2IB.3
I
Capture Input B of Timer 2
(enable CAP2-2 with GPIO_CFG[7:4])
IRQD
I
External interrupt source D
Table 1.
Pin descriptions (continued)
Pin #
Signal
Direction
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com