Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG46121
Description  GreenPAK Dual Supply Programmable Mixed-signal Matrix
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46121 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG46121 Datasheet HTML 9Page - Renesas Technology Corp SLG46121 Datasheet HTML 10Page - Renesas Technology Corp SLG46121 Datasheet HTML 11Page - Renesas Technology Corp SLG46121 Datasheet HTML 12Page - Renesas Technology Corp SLG46121 Datasheet HTML 13Page - Renesas Technology Corp SLG46121 Datasheet HTML 14Page - Renesas Technology Corp SLG46121 Datasheet HTML 15Page - Renesas Technology Corp SLG46121 Datasheet HTML 16Page - Renesas Technology Corp SLG46121 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 99 page
background image
000-0046121--111
Page 11 of 96
SLG46121
5.7 Electrical Characteristics (5V ±10% VDD2)
Symbol
Parameter
Condition/Note
Min.
Typ.
Max.
Unit
VDD2
Supply Voltage
VDD2 ≤ VDD
1.71
--
VDD2
V
ILGK
Input leakage PIN 8, 9, 10, 12
(Absolute Value)
--
1
1000
nA
VIH2
HIGH-Level Input Voltage
PIN 8, 9, 10, 12
Logic Input, VDD2 = 3.3 V
1.780
--
VDD2
V
Logic Input with Schmitt Trigger,
VDD2 = 3.3 V
2.130
--
VDD2
V
Low-Level Logic Input, VDD2 = 3.3 V
1.130
--
VDD2
V
VIL2
LOW-Level Input Voltage
PIN 8, 9, 10, 12
Logic Input, VDD2 = 3.3 V
--
--
1.210
V
Logic Input with Schmitt Trigger,
VDD2 = 3.3 V
--
--
0.950
V
Low-Level Logic Input, VDD2 = 3.3 V
--
--
0.690
V
VOH2
HIGH-Level Output Voltage
PIN 8, 9, 10, 12
Push-Pull 1X,Open Drain PMOS 1X,
IOH = 3 mA, VDD2 = 3.3 V
2.720
3.090
--
V
Push-Pull 2X, Open Drain PMOS 2X,
IOH = 3 mA, VDD2 = 3.3 V
2.850
3.190
--
V
VOL2
LOW-Level Output Voltage
PIN 8, 9, 10, 12
Push-Pull 1X,
IOL= 3 mA, VDD2 = 3.3 V
--
0.180
0.280
V
Push-Pull 2X,
IOL= 3 mA, VDD2 = 3.3 V
--
0.090
0.130
V
Open Drain NMOS 1X,
IOL= 3 mA, VDD2 = 3.3 V
--
0.090
0.130
V
Open Drain NMOS 2X,
IOL= 3 mA, VDD2 = 3.3 V
--
0.050
0.070
V
IOH2
HIGH-Level Output Current
(see Note 1)
PIN 8, 9, 10, 12
Push-Pull 1X, Open Drain PMOS 1X,
VOH = 2.4 V, VDD2 = 3.3 V
6.010
10.150
--
mA
Push-Pull 2X, Open Drain PMOS 2X,
VOH = 2.4 V, VDD2 = 3.3 V
11.460
19.610
--
mA
IOL2
LOW-Level Output Current
(see Note 1)
PIN 8, 9, 10, 12
Push-Pull 1X,
VOL = 0.4 V, VDD2 = 3.3 V
4.060
6.440
--
mA
Push-Pull 2X,
VOL = 0.4 V, VDD2 = 3.3 V
8.130
12.360
--
mA
Open Drain NMOS 1X,
VOL = 0.4 V, VDD2 = 3.3 V
8.130
12.410
--
mA
Open Drain NMOS 2X,
VOL = 0.4 V, VDD2 = 3.3 V
16.260
22.900
--
mA
VIH2
HIGH-Level Input Voltage
PIN 8, 9, 10, 12
Logic Input, VDD2 = 1.8 V
1.100
--
VDD
V
Logic Input with Schmitt Trigger,
VDD2 = 1.8 V
1.270
--
VDD
V
Low-Level Logic Input, VDD2 = 1.8 V
0.980
--
VDD
V
VIL2
LOW-Level Input Voltage
PIN 8, 9, 10, 12
Logic Input, VDD2 = 1.8 V
--
--
0.690
V
Logic Input with Schmitt Trigger,
VDD2 = 1.8 V
--
--
0.440
V
Low-Level Logic Input, VDD2 = 1.8 V
--
--
0.520
V
IIH2
HIGH-Level Input Current
PIN 8, 9, 10, 12
Logic Input Pins; VIN = 1.8 V,
VDD2 = 1.8 V
-1.0
--
1.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com