Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SLG46121
Description  GreenPAK Dual Supply Programmable Mixed-signal Matrix
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46121 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SLG46121 Datasheet HTML 17Page - Renesas Technology Corp SLG46121 Datasheet HTML 18Page - Renesas Technology Corp SLG46121 Datasheet HTML 19Page - Renesas Technology Corp SLG46121 Datasheet HTML 20Page - Renesas Technology Corp SLG46121 Datasheet HTML 21Page - Renesas Technology Corp SLG46121 Datasheet HTML 22Page - Renesas Technology Corp SLG46121 Datasheet HTML 23Page - Renesas Technology Corp SLG46121 Datasheet HTML 24Page - Renesas Technology Corp SLG46121 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
000-0046121--111
Page 19 of 96
SLG46121
7.4 I/O Register Settings
7.4.1 PIN 2 Register Settings
7.4.2 PIN 3 Register Settings
Table 6. PIN 2 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 2 Mode Control
reg <624:623>
00: Digital Input without Schmitt Trigger
01: Digital Input with Schmitt Trigger
10: Low Voltage Digital Input
11: Reserved
PIN 2 Pull Down
Resistor Value
Selection
reg <626:625>
00: Floating
01: 10 k
Ω Resistor
10: 100 k
Ω Resistor
11: 1 M
Ω Resistor
Table 7. PIN 3 Register Settings
Signal Function
Register Bit
Address
Register Definition
PIN 3 Mode Control
reg <629:627>
000: Digital Input without Schmitt Trigger
001: Digital Input with Schmitt Trigger
010: Low Voltage Digital Input
011: Analog Input
100: Push Pull
101: Open Drain NMOS
110: Open Drain PMOS
111: Analog Input & Open Drain NMOS
PIN 3 Pull Up/Down
Resistor Value
Selection
reg <631:630>
00: Floating
01: 10 k
Ω Resistor
10: 100 k
Ω Resistor
11: 1 M
Ω Resistor
PIN 3 Pull Up/Down
Resistor Selection
reg <632>
0: Pull Down Resistor
1: Pull Up Resistor
PIN3 Driver
Strength Selection
reg <633>
0: 1X
1: 2X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com