Electronic Components Datasheet Search
  English  ▼

X  

SLG46121 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # SLG46121
Description  GreenPAK Dual Supply Programmable Mixed-signal Matrix
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46121 Datasheet(HTML) 2 Page - Renesas Technology Corp

  SLG46121 Datasheet HTML 1Page - Renesas Technology Corp SLG46121 Datasheet HTML 2Page - Renesas Technology Corp SLG46121 Datasheet HTML 3Page - Renesas Technology Corp SLG46121 Datasheet HTML 4Page - Renesas Technology Corp SLG46121 Datasheet HTML 5Page - Renesas Technology Corp SLG46121 Datasheet HTML 6Page - Renesas Technology Corp SLG46121 Datasheet HTML 7Page - Renesas Technology Corp SLG46121 Datasheet HTML 8Page - Renesas Technology Corp SLG46121 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 99 page
background image
000-0046121--111
Page 0 of 96
SLG46121
1.0 Overview
The SLG46121 provides a small, low power component for commonly used mixed-signal functions. The user creates their circuit
design by programming the one time Non-Volatile Memory (NVM) to configure the interconnect logic, the I/O Pins and the
macrocells of the SLG46121. This highly versatile device allows a wide variety of mixed-signal functions to be designed within a
very small, low power single integrated circuit.
The additional power supply (VDD2) on the SLG46121 provides the ability to interface two independent voltage domains within
the same design. Users can configure pins, dedicated to each power supply, as inputs, outputs, or both (controlled dynamically
by internal logic) to both VDD and VDD2 voltage domains. Using the available macrocells designers can implement mixed-signal
functions bridging both domains or simply pass through level-translation in both High to Low and Low to High directions.
The macrocells in the device include the following:
•
Two Analog Comparators (ACMP)
•
Voltage References (Vref)
•
Five Combinatorial Look Up Tables (LUTs)
• One 2-bit LUTs
• Four 3-bit LUTs
•
Twelve Combination Function Macrocell
• Four Selectable DFF/Latch or 2-bit LUTs
• Four Selectable DFF/Latch or 3-bit LUTs
• One Selectable Pipe Delay or 3-bit LUT
• Pipe Delay – 8 stage / 2 output, one 1 stage fixed output
• Two Selectable Counter/Delay or 4-bit LUT
• One Programmable Delay / Deglitch Filter
•
Two Counter / Delay Generators (CNT/DLY)
• One 8-bit counter/delay
• One 14-bit counter/delay with external clock/reset
•
Eight D Flip-Flop / Latches (DFF) (Part of Combination Function Macrocell)
•
Additional Logic Function - 1 Inverter
•
Pipe Delay – 8 stage/2 output (Part of Combination Function Macrocell)
•
One Bandgap
•
RC Oscillator (RC OSC)
•
Power On Reset (POR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com