Electronic Components Datasheet Search
  English  ▼

X  

HFA1245IP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HFA1245IP
Description  Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HFA1245IP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HFA1245IP Datasheet HTML 1Page - Renesas Technology Corp HFA1245IP Datasheet HTML 2Page - Renesas Technology Corp HFA1245IP Datasheet HTML 3Page - Renesas Technology Corp HFA1245IP Datasheet HTML 4Page - Renesas Technology Corp HFA1245IP Datasheet HTML 5Page - Renesas Technology Corp HFA1245IP Datasheet HTML 6Page - Renesas Technology Corp HFA1245IP Datasheet HTML 7Page - Renesas Technology Corp HFA1245IP Datasheet HTML 8Page - Renesas Technology Corp HFA1245IP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
Slew Rate (VOUT = 5VP-P, AV = +2)
+SR
B
25
-
1400
-
V/
μs
-SR (Note 7)
B
25
-
800
-
V/
μs
Slew Rate
(VOUT = 5VP-P, AV = -1, RF = 475Ω)
+SR
B
25
-
2200
-
V/
μs
-SR (Note 7)
B
25
-
1200
-
V/
μs
Settling Time (VOUT = +2V to 0V step,
Note 6)
To 0.1%
B
25
-
15
-
ns
To 0.05%
B
25
-
20
-
ns
To 0.02%
B
25
-
40
-
ns
Overdrive Recovery Time
VIN = ±2V
B
25
-
8.5
-
ns
VIDEO CHARACTERISTICS AV = +2, RF = 750Ω, Unless Otherwise Specified
Differential Gain (f = 3.58MHz)
RL = 150Ω
B
25
-
0.02
-
%
RL = 75Ω
B
25
-
0.03
-
%
Differential Phase (f = 3.58MHz)
RL = 150Ω
B
25
-
0.03
-
Degrees
RL = 75Ω
B
25
-
0.05
-
Degrees
DISABLE CHARACTERISTICS
Disabled Supply Current
VDISABLE = 0V
A
Full
-
3
4
mA/Op Amp
DISABLE Input Logic Voltage
Low
A
Full
-
-
0.8
V
High
A
25, 85
2.0
-
-
V
A
-40
2.4
-
-
V
DISABLE Input Logic Low Current
VDISABLE = 0V
A
Full
-
100
200
μA
DISABLE Input Logic High Current
VDISABLE = 5V
A
Full
-
1
15
μA
Output Disable Time (Note 6)
VOUT = ±1V,
VDISABLE = 2.4V to 0.4V
B25
-
30
-
ns
Output Enable Time (Note 6)
VOUT = ±1V,
VDISABLE = 0.4V to 2.4V
B
25
-
150
-
ns
Disabled Output Capacitance
VDISABLE = 0V
B
25
-
4.5
-
pF
Disabled Output Leakage (Note 6)
VDISABLE = 0V,
VIN = +2V, VOUT = ±3V
AFull
-
2
10
μA
All Hostile Off Isolation (VDISABLE = 0V,
VIN = 1VP-P, AV = +2, Note 6)
At 5MHz
B
25
-
65
-
dB
At 10MHz
B
25
-
60
-
dB
POWER SUPPLY CHARACTERISTICS
Power Supply Range
C
25
±4.5
-
±5.5
V
Power Supply Current (Note 6)
A
25
5.6
5.8
6.1
mA/Op Amp
A
Full
5.4
5.9
6.3
mA/Op Amp
NOTES:
3. Test Level: A. Production Tested; B. Typical or Guaranteed Limit Based on Characterization; C. Design Typical for Information Only.
4. The typical use for these amplifiers is in multiplexed configurations, where one amplifier (hostile channel) is enabled, and the passive channel
is disabled. The crosstalk data specified is tested in this manner, with the input signal applied to the hostile channel, while monitoring the output
of the passive channel. Crosstalk performance with both the hostile and passive channels enabled is typically -63dB at 5MHz, and -58dB at
10MHz.
5. Undershoot dominates for output signal swings below GND (e.g., 0.5VP-P), yielding a higher overshoot limit compared to the
VOUT = 0V to 0.5V condition. See the “Application Information“ section for details.
6. See Typical Performance Curves for more information.
7. Slew rates are asymmetrical if the output swings below GND (e.g., a bipolar signal). Positive unipolar output signals have symmetric positive
and negative slew rates comparable to the +SR specification. See the “Application Information” section, and the pulse response graphs for
details.
Electrical Specifications VSUPPLY = ±5V, AV = +1, RF = 560Ω, RS = 650Ω, RL = 100Ω, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP.
(oC)
MIN
TYP
MAX
UNITS
HFA1245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com