Electronic Components Datasheet Search
  English  ▼

X  

HFA1245IP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # HFA1245IP
Description  Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HFA1245IP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button HFA1245IP Datasheet HTML 4Page - Renesas Technology Corp HFA1245IP Datasheet HTML 5Page - Renesas Technology Corp HFA1245IP Datasheet HTML 6Page - Renesas Technology Corp HFA1245IP Datasheet HTML 7Page - Renesas Technology Corp HFA1245IP Datasheet HTML 8Page - Renesas Technology Corp HFA1245IP Datasheet HTML 9Page - Renesas Technology Corp HFA1245IP Datasheet HTML 10Page - Renesas Technology Corp HFA1245IP Datasheet HTML 11Page - Renesas Technology Corp HFA1245IP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
FIGURE 10. SMALL SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 11. LARGE SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 12. SMALL SIGNAL POSITIVE PULSE RESPONSE
FIGURE 13. LARGE SIGNAL POSITIVE PULSE RESPONSE
FIGURE 14. SMALL SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 15. LARGE SIGNAL BIPOLAR PULSE RESPONSE
Typical Performance Curves VSUPPLY = ±5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100Ω,
Unless Otherwise Specified (Continued)
AV = +1
200
150
100
50
0
-50
-100
-150
-200
TIME (5ns/DIV.)
AV = +1
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
TIME (5ns/DIV.)
AV = -1
200
150
100
50
0
-50
-100
250
300
TIME (5ns/DIV.)
AV = -1
2.0
1.5
1.0
0.5
-0.5
-1.0
2.5
3.0
0
TIME (5ns/DIV.)
AV = -1
200
150
100
50
0
-50
-100
-150
-200
TIME (5ns/DIV.)
AV = -1
2.0
1.5
1.0
0.5
0
-0.5
-1.0
-1.5
-2.0
TIME (5ns/DIV.)
HFA1245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com