Electronic Components Datasheet Search
  English  ▼

X  

HFA1245IP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HFA1245IP
Description  Dual, 420MHz, Low Power, Video, Current Feedback Operational Amplifier with Disable
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HFA1245IP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HFA1245IP Datasheet HTML 5Page - Renesas Technology Corp HFA1245IP Datasheet HTML 6Page - Renesas Technology Corp HFA1245IP Datasheet HTML 7Page - Renesas Technology Corp HFA1245IP Datasheet HTML 8Page - Renesas Technology Corp HFA1245IP Datasheet HTML 9Page - Renesas Technology Corp HFA1245IP Datasheet HTML 10Page - Renesas Technology Corp HFA1245IP Datasheet HTML 11Page - Renesas Technology Corp HFA1245IP Datasheet HTML 12Page - Renesas Technology Corp HFA1245IP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
FIGURE 16. SMALL SIGNAL POSITIVE PULSE RESPONSE
FIGURE 17. LARGE SIGNAL POSITIVE PULSE RESPONSE
FIGURE 18. SMALL SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 19. LARGE SIGNAL BIPOLAR PULSE RESPONSE
FIGURE 20. OUTPUT DISABLE / ENABLE RESPONSE
FIGURE 21. OPEN LOOP TRANSIMPEDANCE
Typical Performance Curves VSUPPLY = ±5V, TA = 25oC, RF = Value From the Optimum Feedback Resistor Table, RL = 100Ω,
Unless Otherwise Specified (Continued)
200
150
100
50
0
-50
-100
250
300
TIME (5ns/DIV.)
AV = +5
AV = +10
2.0
1.5
1.0
0.5
0
-0.5
-1.0
2.5
3.0
TIME (5ns/DIV.)
AV = +5
AV = +10
200
150
100
50
0
-50
-100
-150
-200
TIME (5ns/DIV.)
AV = +5
AV = +10
2.0
1.5
0.5
0
-0.5
-1.0
-1.5
-2.0
1.0
TIME (5ns/DIV.)
AV = +5
AV = +10
TIME (100ns/DIV.)
2.0
1.0
0
-1.0
0
1.0
3.0
OUTPUT
AV = +2
DISABLE INPUT
0.001
0.01
0.1
1
36 10
100
500
FREQUENCY (MHz)
0
45
90
135
180
630
200
63
20
6.3
2
0.63
0.2
0.063
GAIN
PHASE
HFA1245



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com