Electronic Components Datasheet Search
  English  ▼

X  

LM3402 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3402
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM3402 Datasheet HTML 1Page - National Semiconductor (TI) LM3402 Datasheet HTML 2Page - National Semiconductor (TI) LM3402 Datasheet HTML 3Page - National Semiconductor (TI) LM3402 Datasheet HTML 4Page - National Semiconductor (TI) LM3402 Datasheet HTML 5Page - National Semiconductor (TI) LM3402 Datasheet HTML 6Page - National Semiconductor (TI) LM3402 Datasheet HTML 7Page - National Semiconductor (TI) LM3402 Datasheet HTML 8Page - National Semiconductor (TI) LM3402 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Absolute Maximum Ratings
(LM3402)(Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to GND
-0.3V to 45V
BOOT to GND
-0.3V to 59V
SW to GND
-1.5V
BOOT to VCC
-0.3V to 45V
BOOT to SW
-0.3V to 14V
VCC to GND
-0.3V to 14V
DIM to GND
-0.3V to 7V
CS to GND
-0.3V to 7V
RON to GND
-0.3V to 7V
Junction Temperature
150˚C
Storage Temp. Range
-65˚C to 125˚C
ESD Rating (Note 2)
2kV
Soldering Information
Lead Temperature (Soldering,
10sec)
260˚C
Infrared/Convection Reflow (15sec)
235˚C
Operating Ratings
(LM3402) (Note 1)
V
IN
6V to 42V
Junction Temperature Range
−40˚C to +125˚C
Thermal Resistance
θ
JA (Note 3)
200˚C/W
Absolute Maximum Ratings
(LM3402HV)(Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
VIN to GND
-0.3V to 76V
BOOT to GND
-0.3V to 90V
SW to GND
-1.5V
BOOT to VCC
-0.3V to 76V
BOOT to SW
-0.3V to 14V
VCC to GND
-0.3V to 14V
DIM to GND
-0.3V to 7V
CS to GND
-0.3V to 7V
RON to GND
-0.3V to 7V
Junction Temperature
150˚C
Storage Temp. Range
-65˚C to 125˚C
ESD Rating (Note 2)
2kV
Soldering Information
Lead Temperature (Soldering,
10sec)
260˚C
Infrared/Convection Reflow (15sec)
235˚C
Operating Ratings
(LM3402HV) (Note 1)
V
IN
6V to 75V
Junction Temperature Range
−40˚C to +125˚C
Thermal Resistance
θ
JA (Note 3)
200˚C/W
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com