Electronic Components Datasheet Search
  English  ▼

X  

LM3402 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3402
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LM3402 Datasheet HTML 13Page - National Semiconductor (TI) LM3402 Datasheet HTML 14Page - National Semiconductor (TI) LM3402 Datasheet HTML 15Page - National Semiconductor (TI) LM3402 Datasheet HTML 16Page - National Semiconductor (TI) LM3402 Datasheet HTML 17Page - National Semiconductor (TI) LM3402 Datasheet HTML 18Page - National Semiconductor (TI) LM3402 Datasheet HTML 19Page - National Semiconductor (TI) LM3402 Datasheet HTML 20Page - National Semiconductor (TI) LM3402 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Design Example 1: LM3402
(Continued)
size such as SOD-123 in a 40V, 0.5A Schottky diode at 350
mA is approximately 0.4V and the
θ
JA is 206˚C/W. Power
dissipation and temperature rise can be calculated as:
P
D = 0.298 x 0.4 = 119 mW
T
RISE = 0.119 x 206 = 24.5˚C
According to these calculations the SOD-123 diode will meet
the requirements. Heating and dissipation are among the
factors most difficult to predict in converter design. If pos-
sible, a footprint should be used that is capable of accepting
both SOD-123 and a larger case size, such as SMA. A larger
diode with a higher forward current rating will generally have
a lower forward voltage, reducing dissipation, as well as
having a lower
θ
JA, reducing temperature rise.
C
B and CF
The bootstrap capacitor C
B should always be a 10 nF ce-
ramic capacitor with X7R dielectric. A 25V rating is appropri-
ate for all application circuits. The linear regulator filter ca-
pacitor C
F should always be a 100 nF ceramic capacitor,
also with X7R dielectric and a 25V rating.
EFFICIENCY
To estimate the electrical efficiency of this example the
power dissipation in each current carrying element can be
calculated and summed. This term should not be confused
with the optical efficacy of the circuit, which depends upon
the LEDs themselves.
Total output power, P
O, is calculated as:
P
O =IF xVO = 0.35 x 3.7 = 1.295W
Conduction loss, P
C, in the internal MOSFET:
P
C =(IF
2 xR
DSON)xD= (0.35
2 x 1.5) x 0.154 = 28 mW
Gate charging and VCC loss, P
G, in the gate drive and linear
regulator:
P
G =(IIN-OP +fSW xQG)xVIN
P
G =(600x10
-6 + 468000x3x10-9)x24=48mW
Switching loss, P
S, in the internal MOSFET:
P
S =0.5xVIN xIF x(tR +tF)xfSW
P
S =0.5x24x0.35x(40x10
-9) x 468000 = 78 mW
AC rms current loss, P
CIN, in the input capacitor:
P
CIN =IIN(rms)
2 x ESR = (0.126)2 x 0.006 = 0.1 mW (negli-
gible)
DCR loss, P
L, in the inductor
P
L =IF
2 x DCR = 0.352 x 0.096 = 11.8 mW
Recirculating diode loss, P
D = 119 mW
Current Sense Resistor Loss, P
SNS =92mW
Electrical efficiency,
η =P
O /(PO + Sum of all loss terms) =
1.295 / (1.295 + 0.377) = 77%
DIE TEMPERATURE
T
LM3402 =(PC +PG +PS)x
θ
JA
T
LM3402 = (0.028 + 0.05 + 0.078) x 200 = 31˚C
Design Example 2: LM3402HV
The second example application is an RGB backlight for a
flat screen monitor. A separate boost regulator provides a
60V ±5% DC input rail that feeds three LM3402HV current
regulators to drive one series array each of red, green, and
blue 1W LEDs. The target for average LED current is 350
mA ±5% in each string. The monitor will adjust the color
temperature dynamically, requiring fast PWM dimming of
each string with external, parallel MOSFETs. 1W green and
blue InGaN LEDs have a typical forward voltage of 3.5V,
however red LEDs use AlInGaP technology with a typical
forward voltage of 2.9V. In order to match color properly the
design requires 14 green LEDs, twice as many as needed
for the red and blue LEDs. This example will follow the
design for the green LED array, providing the necessary
information to repeat the exercise for the blue and red LED
arrays. The circuit schematic for Design Example 2 is the
same as the Typical Application on the front page. The bill of
materials (green array only) can be found in Table 2 at the
end of this datasheet.
OUTPUT VOLTAGE
Green Array: V
O(G) = 14 x 3.5 + 0.2 = 49.2V
Blue Array: V
O(B) = 7 x 3.5 + 0.2 = 24.7V
Red Array: V
O(R) = 7 x 2.9 + 0.2 = 20.5V
R
ON and tON
A compromise in switching frequency is needed in this ap-
plication to balance the requirements of magnetics size and
efficiency. The high duty cycle translates into large conduc-
tion losses and high temperature rise in the IC. For best
response to a PWM dimming signal this circuit will not use an
output capacitor; hence a moderate switching frequency of
300 kHz will keep the inductance from becoming so large
that a custom-wound inductor is needed. This design will use
only surface mount components, and the selection of off-the-
shelf SMT inductors for switching regulators is poor at 1000
µH and above. R
ON is selected from the equation for switch-
ing frequency as follows:
R
ON = 49.2 / (1.34 x 10
-10 x3x105) = 1224 k
Ω
The closest 1% tolerance resistor is 1.21 M
Ω. The switching
frequency and on-time of the circuit can then be found using
the equations relating R
ON and tON to fSW:
f
SW = 49.2 / (1210000 x 1.34 x 10
-10) = 303 kHz
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com