Electronic Components Datasheet Search
  English  ▼

X  

LM3402 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM3402
Description  0.5A Constant Current Buck Regulator for Driving High Power LEDs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3402 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LM3402 Datasheet HTML 8Page - National Semiconductor (TI) LM3402 Datasheet HTML 9Page - National Semiconductor (TI) LM3402 Datasheet HTML 10Page - National Semiconductor (TI) LM3402 Datasheet HTML 11Page - National Semiconductor (TI) LM3402 Datasheet HTML 12Page - National Semiconductor (TI) LM3402 Datasheet HTML 13Page - National Semiconductor (TI) LM3402 Datasheet HTML 14Page - National Semiconductor (TI) LM3402 Datasheet HTML 15Page - National Semiconductor (TI) LM3402 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Application Information (Continued)
LOW POWER SHUTDOWN
The LM3402/02HV can be switched to a low power state
(I
IN-SD = 90 µA) by grounding the RON pin with a signal-level
MOSFET as shown in Figure 3. Low power MOSFETs like
the 2N7000, 2N3904, or equivalent are recommended de-
vices for putting the LM3402/02HV into low power shutdown.
Logic gates can also be used to shut down the LM3402/
02HV as long as the logic low voltage is below the over
temperature minimum threshold of 0.3V. Noise filter circuitry
on the RON pin can cause a few pulses with a longer on-time
than normal after RON is grounded or released. In these
cases the OVP/OCP comparator will ensure that the peak
inductor or LED current does not exceed 300 mV / R
SNS.
THERMAL SHUTDOWN
Internal thermal shutdown circuitry is provided to protect the
IC in the event that the maximum junction temperature is
exceeded. The threshold for thermal shutdown is 165˚C with
a 25˚C hysteresis (both values typical). During thermal shut-
down the MOSFET and driver are disabled.
20192112
FIGURE 2. Output Open Circuit Protection
20192113
FIGURE 3. Low Power Shutdown
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com