| Electronic Components Datasheet Search |
|
AM625 Datasheet(PDF) 67 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM625 Datasheet(HTML) 67 Page - Texas Instruments |
|
67 / 256 page ![]() Table 6-23. GPIO1 Signal Descriptions (continued) SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] GPIO1_51 IO General Purpose Input/Output F18 E16 (1) This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. (2) This EQEP input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. 6.3.10.2 MCU Domain Table 6-24. MCU_GPIO0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] MCU_GPIO0_0 (1) IO General Purpose Input/Output E8 E7 MCU_GPIO0_1 (1) IO General Purpose Input/Output B8 C8 MCU_GPIO0_2 IO General Purpose Input/Output A7 B7 MCU_GPIO0_3 IO General Purpose Input/Output D9 E8 MCU_GPIO0_4 IO General Purpose Input/Output C9 D8 MCU_GPIO0_5 IO General Purpose Input/Output B5 A8 MCU_GPIO0_6 IO General Purpose Input/Output A5 B6 MCU_GPIO0_7 (1) IO General Purpose Input/Output A6 B8 MCU_GPIO0_8 (1) IO General Purpose Input/Output B6 D7 MCU_GPIO0_9 IO General Purpose Input/Output B4 B5 MCU_GPIO0_10 IO General Purpose Input/Output C5 C6 MCU_GPIO0_11 (1) IO General Purpose Input/Output C6 A7 MCU_GPIO0_12 (1) IO General Purpose Input/Output A4 B4 MCU_GPIO0_13 IO General Purpose Input/Output D6 C5 MCU_GPIO0_14 IO General Purpose Input/Output B3 C4 MCU_GPIO0_15 (1) IO General Purpose Input/Output E5 D5 MCU_GPIO0_16 (1) IO General Purpose Input/Output D4 D6 MCU_GPIO0_17 IOD General Purpose Input/Output A8 B9 MCU_GPIO0_18 IOD General Purpose Input/Output D10 A10 MCU_GPIO0_19 IOD General Purpose Input/Output B9 E9 MCU_GPIO0_20 IOD General Purpose Input/Output A9 A9 MCU_GPIO0_21 IO General Purpose Input/Output B12 A12 MCU_GPIO0_22 IO General Purpose Input/Output B7 C7 MCU_GPIO0_23 IO General Purpose Input/Output A12 B12 (1) This GPIO input signal has a debounce function. For more information on I/O Debounce configuration, see the TRM Device Configuration chapter. 6.3.11 GPMC 6.3.11.1 MAIN Domain Table 6-25. GPMC0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALW PIN [4] AMC PIN [4] GPMC0_ADVn_ALE O GPMC Address Valid (active low) or Address Latch Enable L23 K20 GPMC0_CLK O GPMC clock P25 M19 GPMC0_DIR O GPMC Data Bus Signal Direction Control M22 J19 GPMC0_FCLK_MUX O GPMC functional clock output P25 M19 GPMC0_OEn_REn O GPMC Output Enable (active low) or Read Enable (active low) L24 K21 www.ti.com AM625, AM623 SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 67 Product Folder Links: AM625 AM623 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |