Electronic Components Datasheet Search
  English  ▼

X  

AM625 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # AM625
Description  AM62x Sitara™ Processors
PDF  256 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM625 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AM625 Datasheet HTML 5Page - Texas Instruments AM625 Datasheet HTML 6Page - Texas Instruments AM625 Datasheet HTML 7Page - Texas Instruments AM625 Datasheet HTML 8Page - Texas Instruments AM625 Datasheet HTML 9Page - Texas Instruments AM625 Datasheet HTML 10Page - Texas Instruments AM625 Datasheet HTML 11Page - Texas Instruments AM625 Datasheet HTML 12Page - Texas Instruments AM625 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 256 page
background image
• (System Timing): Removed the Timing Conditions table from this section and added separate Timing
Conditions tables to each of the Reset Timing, Error Signal Timing, and Clock Timing sections...................109
• (Reset Timing): Added Timing Conditions table to define conditions specific to reset inputs and outputs..... 109
• (MCU_RESETSTATz, and RESETSTATz Switching Characteristics): Changed the minimum value of
parameter RST8 from "4040*S" to "966*S" and the minimum value of parameter RST9 from "301200" to
"4040*S"......................................................................................................................................................... 109
• (MCU_RESETSTATz, and RESETSTATz Switching Characteristics): Changed the minimum value of
parameter RST13 from "0" to "960"................................................................................................................109
• (RESETSTATz Switching Characteristics): Changed the minimum value of parameter RST16 from "T" to
"900*T", the minimum value of parameter RST17 from "W" to "4040*S", and replaced the contents of table
note 2..............................................................................................................................................................109
• (PORz_OUT Switching Characteristics): Changed the minimum value of parameter RST26 from "0" to
"1200"............................................................................................................................................................. 109
• (Error Signal Timing): Added Timing Conditions table to define conditions specific to MCU_ERRORn output...
........................................................................................................................................................................ 114
• (MCU_ERRORn Switching Characteristics): Changed "RST22" to "ERR" in table note 5............................. 114
• (Clock Timing): Added Timing Conditions table to define conditions specific to clock inputs and outputs......115
• (Clock Timing Requirements): Added cycle time and pulse duration parameters for AUDIO_EXT_REFCLK0
and AUDIO_EXT_REFCLK1...........................................................................................................................115
• (Clock Switching Characteristics): Added cycle time and pulse duration parameters for WKUP_CLKOUT0,
AUDIO_EXT_REFCLK0 and AUDIO_EXT_REFCLK1...................................................................................115
• (Input Clocks / Oscillators): Added WKUP_LFOSC0 and AUDIO_EXT_REFCLK[1:0] inputs and updated the
descriptions.....................................................................................................................................................117
• (MCU_OSC0 Internal Oscillator Clock Source): Added a note to define the maximum ESRxtal value based on
the Cshunt parameter........................................................................................................................................118
• (MCU_OSC0 Internal Oscillator Clock Source): Removed support for 24 MHz and 26 MHz reference clock
frequencies......................................................................................................................................................118
• (WKUP_LFOSC0 Start-up Time): Changed the power supply name "VDD_WKUP" to "VDD_CORE" and the
power supply name "VDDA_WKUP" to "VDDS_OSC0".................................................................................122
• (Output Clocks): Added WKUP_CLKOUT0 and AUDIO_EXT_REFCLK[1:0] outputs, and updated the
descriptions.....................................................................................................................................................125
• (PLLs): Removed R5F PLL, and added SMS PLL, DSS0 PLL, and DSS1 PLL.............................................125
• (PLLs): Replaced notes with paragraphs that introduces important design considerations and provides
appropriate references....................................................................................................................................125
• (Clock Specifications): Included an new section titled "Recommended System Precautions for Clock and
Control Signal Transitions"..............................................................................................................................126
• (RGMII[x]_TD[3:0] and RGMII[x]_TX_CTL Switching Characteristics – RGMII Mode): Added a note that
explains why output delay parameters are being defined as output setup and output hold........................... 130
• (CPTS): Added a note that explains timing limitations associated with valid pin combinations (IOSETs), and
provide a link to the SysConfig-PinMux Tool which defines valid IOSETs...................................................... 133
• (CSI-2): Added new section to Peripherals Timing and Switching Characteristics.........................................134
• Updated introduction to include a list of GPIO modules and updated content of the note............................. 144
• (GPIO Timing Conditions): Changed the minimum Input Slew rate for the LVCMOS buffer type, and defined
Input Slew Rate values for the I2C OD FS buffer type................................................................................... 144
• (GPIO Timing Requirements): Changed the "BUFFER TYPE" column to "MODE", replaced buffer types with
operating voltage, retained the minimum pulse width value for 1.8-V mode, and changed the minimum pulse
width value for 3.3-V mode............................................................................................................................. 144
• (GPMC Timing Conditions): Changed the minimum Output Load Capacitance from 5 pF to 2 pF................ 145
• (GPMC and NAND Flash — Asynchronous Mode): Removing the TBD maximum value from the "Pulse
duration, output write enable GPMC_WEn valid (tw(wenV))" parameter since a maximum value is not
applicable for this parameter.......................................................................................................................... 162
• (I2C Timing): Removed all timing parameter tables and diagrams, and referenced the Philips I2C-bus™
specification version 2.1 as the source for this information............................................................................ 166
• (I2C Timing): Added per port descriptions that define each speed mode supported and included additional
information that details exceptions to the I2C specification............................................................................ 166
www.ti.com
AM625, AM623
SPRSP58A – JUNE 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: AM625 AM623



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com