Electronic Components Datasheet Search
  English  ▼

X  

SN74HCS244 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HCS244
Description  SN74HCS244 Octal Buffers and Line Drivers With Schmitt-Trigger Inputs and 3-State Outputs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74HCS244 Datasheet(HTML) 4 Page - Texas Instruments

  SN74HCS244 Datasheet HTML 1Page - Texas Instruments SN74HCS244 Datasheet HTML 2Page - Texas Instruments SN74HCS244 Datasheet HTML 3Page - Texas Instruments SN74HCS244 Datasheet HTML 4Page - Texas Instruments SN74HCS244 Datasheet HTML 5Page - Texas Instruments SN74HCS244 Datasheet HTML 6Page - Texas Instruments SN74HCS244 Datasheet HTML 7Page - Texas Instruments SN74HCS244 Datasheet HTML 8Page - Texas Instruments SN74HCS244 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC
Supply voltage
–0.5
7
V
IIK
Input clamp current(2)
VI < -0.5 V or VI > VCC + 0.5 V
±20
mA
IOK
Output clamp current(2)
VO < -0.5 V or VO > VCC + 0.5 V
±20
mA
IO
Continuous output current
VO = 0 to VCC
±35
mA
ICC
Continuous current through VCC or GND
±70
mA
TJ
Junction temperature(3)
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime.
(2)
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
Specified by design.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V
Charged-device model (CDM), per ANSI/ESDA/JEDEC
JS-002(2)
±1500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC
Supply voltage
2
5
6
V
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
TA
Ambient temperature
–55
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
SN74HCS244
UNIT
RKS (VQFN)
DGS (SOT)
20 PINS
20 PINS
RθJA
Junction-to-ambient thermal resistance
83.2
130.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
82.6
68.7
°C/W
RθJB
Junction-to-board thermal resistance
57.4
85.4
°C/W
ΨJT
Junction-to-top characterization parameter
14.5
10.5
°C/W
ΨJB
Junction-to-board characterization parameter
56.4
85.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
40.0
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
SN74HCS244
SCLS873B – JULY 2021 – REVISED OCTOBER 2022
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: SN74HCS244



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com